Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM329LP Datasheet(PDF) 78 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 78 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 74Page - ELM Electronics ELM329LP Datasheet HTML 75Page - ELM Electronics ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics ELM329LP Datasheet HTML 78Page - ELM Electronics ELM329LP Datasheet HTML 79Page - ELM Electronics ELM329LP Datasheet HTML 80Page - ELM Electronics ELM329LP Datasheet HTML 81Page - ELM Electronics ELM329LP Datasheet HTML 82Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
Example Applications (continued)
ELM329L
78 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
the rest.
We do caution that the MAX3222E does seem to
place some extra demands on the 5V power supply. It
should work fairly well with a 7805 regulator, but if you
have chosen a lower current device like the 78L05 or
LP2950 (as in Figure 9), you may experience
occasional
‘LV
RESET’s.
For
this
reason,
we
recommend adding the larger capacitors shown as C2
and C4 in Figure 9. This should eliminate problems,
but if it does not, you may also wish to consider a
more powerful regulator (such as the 7805) if you do
not already have one installed.
The USB interface of Figure 13 provides another
way to connect the ELM329 to USB systems. It uses a
Silicon Laboratories (www.silabs.com) CP2102 chip to
convert between the ELM329’s serial data and USB.
One of the advantages of going to a USB interface
is the high serial baud rates that you may experience.
In order to use these higher rates, you will have to
program both the USB interface and the ELM329
interface for them.
The CP2102 interface baud rate is actually
configured by driver software. When you set the baud
rate in your terminal program, the software does what
is necessary to configure the CP2102 for operation at
that rate and you do not need to do anything more.
The ELM329 initially only uses a 38,400 bps rate,
however, and must be told to use anything different.
In order to change from the standard 38.4 k baud
rate, you must first set your software to 38.4 kbps, and
power up your ELM329 circuit. Make sure that it is
working, as described in the ‘Communicating with the
ELM329’ section, before you do anything else. When
you are confident that all is well, you can then change
the baud rate. Before doing so, we caution that you
should check to be sure that your software actually
supports the desired rate (as several can not handle
more than about 250 kbps).
The CP2102 chip is able to support a 115.2 kbps
rate natively, and almost all software should be able to
support it as well, so we will use that rate to provide an
example.
First, while connected to the ELM329 at 38.4 kbps,
we need to change the default rate to 115.2 kbps. No
need to worry that this will affect your communications,
as it will not take effect until the ELM329 has been
reset. To change the data rate, simply change the
value that is stored in Programmable Parameter 0C,
then enable it:
Figure 12. A High Speed
RS232 Interface (
≤ 250 kbps)
2 (RxD)
3 (TxD)
5 (SG)
1 (DCD)
4 (DTR)
6 (DSR)
7 (RTS)
8 (CTS)
0.1µF
1
2
3
4
5
6
7
8
9
RS232
Interface
(DB9F)
+5V
0.1µF
10
11
12
13
14
15
16
17
18
+5V
15
16
17
18
329
0.47µF
0.47µF
0.47µF
+5V
15
16
17
18
19
329
2 (D-)
USB
Interface
(type ‘B’
connector)
+5V
1 (+5)
4 (SG)
3 (D+)
SiLabs
CP2102
0.1µF
5.0V
TVS
1µF
7
6
26 25
3
4
5
8
Figure 13. An Alternative USB Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com