Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3128D2DAPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Frequency (Hz)
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D020
Gain=26dB
PVCC=12VDC+200mVP-P
TA=25qC
RL=8:
Left Channel
Right Channel
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D021
Gain=26dB
PVcc=12V
TA=25qC
RL=2:
P O=1W
PO =5W
PO=10W
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D018
Gain=26dB
PVCC=24V
TA=25qC
RL=8:
Right to Left
Left to Right
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D019
Gain=26dB
PVCC=12V
TA=25qC
RL=4:
Right to Left
Left to Right
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D016
Gain=26dB
TA=25qC
RL=8:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D017
Gain=26dB
TA=25qC
RL=4:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
9
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Ultra Low Idle Loss Mode, TPA3128D2EVM Tested With AP2722. (unless otherwise noted)
Figure 14. Power Efficiency (BTL) vs Output Power
Figure 15. Power Efficiency (BTL) vs Output Power
Figure 16. Crosstalk vs Frequency
Figure 17. Crosstalk vs Frequency
Figure 18. Supply Ripple Rejection Ratio (BTL) vs
Frequency
Figure 19. Total Harmonic Distortion + Noise (PBTL) vs
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com