Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3128D2DAPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 14Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 15Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
i
i
1
f
2 Z C
p
=
ƒ
5
6
7
8
9
10
INNR
PLIMIT
GVDD
GAIN/SLV
GND
2
1
1
2
C5
1 F
µ
2
1
51 k
R1
51 k
R2
12
TPA3128D2
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
(1)
Resistor tolerance should be 5% or better.
7.3.1 Gain Setting and Master and Slave
The gain of the TPA3128D2 is set by the voltage divider connected to the GAIN/SLV control pin. Master or Slave
mode is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four
stages sets the GAIN in Master mode in gains of 20, 26, 32, 36 dB respectively, while the next four stages sets
the GAIN in Slave mode in gains of 20, 26, 32, 36 dB respectively. The gain setting is latched during power-up
and cannot be changed while device is powered. Table 1 lists the recommended resistor values and the state
and gain:
Table 1. Gain and Master/Slave
MASTER / SLAVE
MODE
GAIN
R1 (to GND)(1)
R2 (to GVDD)(1)
INPUT IMPEDANCE
Master
20 dB
5.6 kΩ
OPEN
60 kΩ
Master
26 dB
20 kΩ
100 kΩ
30 kΩ
Master
32 dB
39 kΩ
100 kΩ
15 kΩ
Master
36 dB
47 kΩ
75 kΩ
9 kΩ
Slave
20 dB
51 kΩ
51 kΩ
60 kΩ
Slave
26 dB
75 kΩ
47 kΩ
30 kΩ
Slave
32 dB
100 kΩ
39 kΩ
15 kΩ
Slave
36 dB
100 kΩ
16 kΩ
9 kΩ
Figure 26. Gain, Master/Slave
In Master mode, SYNC terminal is an output, in Slave mode, SYNC terminal is an input for a clock input. TTL
logic levels with compliance to GVDD.
7.3.2 Input Impedance
The TPA3128D2 input stage is a fully differential input stage and the input impedance changes with the gain
setting from 9 k
Ω at 36 dB gain to 60 kΩ at 20 dB gain. Table 1 lists the values from min to max gain. The
tolerance of the input resistor value is ±20% so the minimum value will be higher than 7.2 k
Ω. The inputs must
be AC-coupled to minimize the output dc-offset and ensure correct ramping of the output voltages during power-
ON and power-OFF. The input ac-coupling capacitor together with the input impedance forms a high-pass filter
with the following cut-off frequency:
(1)
If a flat bass response is required down to 20 Hz the recommended cut-off frequency is a tenth of that, 2 Hz.
Table 2 lists the recommended ac-couplings capacitors for each gain step. If a –3-dB capacitor is accepted at 20
Hz 10 times lower capacitors can used – for example, a 1-µF capacitor can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com