Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3128D2DAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3128D2DAPR Datasheet HTML 1Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 2Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 3Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 4Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TAS5630
TPA3128D2
Audio
Source
And Control
RIGHT
LEFT
LC
LC
PBTL
DETECT
SD
FAULT
AM2,1,0
GAIN/SLV
PLIMIT
Power Limit
SYNC
Capable of synchronizaing to other devices
PVCC
AVCC
Power Supply
4.5V-26V
Separate Power
Supply (Optional)
4.5V-26V
MONO
DETECT
MUTE
AM Avoidance Control
GAIN control and Master/Slave setting
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3128D2
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
TPA3128D2 2x30-W Class-D Amplifier With Low Idle Power Dissipation
1
1 Features
1
•
Supports Multiple Output Configurations
–
2 × 30 W Into a 8-Ω BTL Load at 24 V
(TPA3128D2)
•
Wide Voltage Range: 4.5 V to 26 V
•
Efficient Class-D Operation
–
Very Low Idle Current: <23 mA for
recommended LC filter configurations
–
Greater than 90% Power Efficiency Combined
With Low Idle Loss Greatly Eliminates Need
for Heat Sink
–
Adaptive Modulation Schemes based on
Output Power
–
Smart Amplifier Drivers to Reduce the
Requirement for RC Snubbers
•
Multiple Switching Frequencies
–
AM Avoidance
–
Master and Slave Synchronization
–
300-KHz to 1.2-MHz Switching Frequency
•
Feedback Power-Stage Architecture With High
PSRR Reduces PSU Requirements
•
Programmable Power Limit
•
Parallel BTL Mode and Mono-Channel Mode
Support
•
Supports Both Single and Dual Power Supply
Modes
•
Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DC-
Detect, and Short Circuit With Error Reporting
•
Thermally Enhanced Packages
–
DAP (32-Pin HTSSOP Pad Down for
TPA3128D2)
2 Applications
•
Bluetooth/Wireless Speakers
•
Soundbars
•
Mini-Micro Component, Docks
•
LCD/LED TVs
•
Home Theaters
3 Description
The TPA3128D2 devices are stereo efficient, digital
amplifier power stage for driving speakers up to 60 W
/ 2
Ω in PBTL mode. The TPA3128D2 has low idle
power loss and helps to extend the battery life of
Bluetooth/Wireless
speakers
and
other
battery-
powered audio systems. The high efficiency of the
TPA3128D2 device allows it to do 2 × 30 W without
external heat sink on a dual layer PCB. This device
proposed an efficiency boost Mode, which can
dynamically reduced the current ripple of the external
LC filter and the idle current .
The
TPA3128D2
advanced
oscillator/PLL
circuit
employs a multiple switching frequency option to
avoid AM interferences, which is achieved together
with an option of either master or slave option,
making it possible to synchronize multiple devices.
The TPA3128D2 devices are fully protected against
faults
with
short-circuit
protection
and
thermal
protection as well as overvoltage, undervoltage, and
DC protection. Faults are reported back to the
processor to prevent devices from being damaged
during overload conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3128D2
DAP (32)
11.00 mm × 6.20 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Figure 1. Simplified Application Circuit


Similar Part No. - TPA3128D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3128D2DAPR TI1-TPA3128D2DAPR Datasheet
2Mb / 38P
2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAPR TI2-TPA3128D2DAPR Datasheet
2Mb / 39P
TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
REVISED JANUARY 2018
TPA3128D2DAPR.A TI2-TPA3128D2DAPR.A Datasheet
2Mb / 39P
TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
REVISED JANUARY 2018
TPA3128D2DAPRG4 TI2-TPA3128D2DAPRG4 Datasheet
2Mb / 39P
TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
REVISED JANUARY 2018
TPA3128D2DAPRG4.A TI2-TPA3128D2DAPRG4.A Datasheet
2Mb / 39P
TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
REVISED JANUARY 2018
More results

Similar Description - TPA3128D2DAPR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
logo
Infineon Technologies A...
MA2304PNS INFINEON-MA2304PNS Datasheet
2Mb / 43P
2x37 W, 10 to 20 V, Ultra‑Low Idle Power, MERUS Multilevel Switching Class‑D Audio Amplifier with Inductor‑Less Operation
INTV2.1.9 August, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com