Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 158 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 158 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 154Page - Microchip Technology LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology LAN9250 Datasheet HTML 157Page - Microchip Technology LAN9250 Datasheet HTML 158Page - Microchip Technology LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 421 page
background image
LAN9250
DS00001913A-page 158
 2015 Microchip Technology Inc.
RX FIFO Size is the remainder of the unallocated FIFO space (16384 bytes – TX FIFO Size). The RX Status FIFO size
is always equal to 1/16 of the RX FIFO size. The RX Status FIFO length is subtracted from the total RX FIFO size with
the remainder being the RX Data FIFO Size.
For example, if TX_FIF_SZ = 6 then:
Total TX FIFO Size = 6144 Bytes (6KB)
TX Status FIFO Size = 512 Bytes (Fixed)
TX Data FIFO Size = 6144 – 512 = 5632 Bytes
RX FIFO Size = 16384 – 6144 = 10240 Bytes (10KB)
RX Status FIFO Size = 10240 / 16 = 640 Bytes (160 RX Status DWORDs)
RX Data FIFO Size = 10240 – 640 = 9600 Bytes
Table 11-10 contains an overview of the configurable TX/RX FIFO sizes and defaults. TABLE 11-11: shows every valid
setting for the TX_FIF_SZ field and the resulting FIFO sizes. Note that settings not shown in this table are reserved and
should not be used.
Note:
The RX Data FIFO is considered full 4 DWORDs before the length that is specified in the HW_CFG register.
TABLE 11-10: TX/RX FIFO CONFIGURABLE SIZES
FIFO
Size Range
Default
TX Status
512
512
RX Status
128-892
704
TX Data
1536-13824
4608
RX Data
1920-13440
10560
TABLE 11-11: VALID TX/RX FIFO ALLOCATIONS
TX_FIF_SZ
TX DATA
FIFO SIZE (bytes)
TX STATUS
FIFO SIZE (bytes)
RX DATA
FIFO SIZE (bytes)
RX STATUS
FIFO SIZE (bytes)
2
1536
512
13440
896
3
2560
512
12480
832
4
3584
512
11520
768
5
4608
512
10560
704
6
5632
512
9600
640
7
6656
512
8640
576
8
7680
512
7680
512
9
8704
512
6720
448
10
9728
512
5760
384
11
10752
512
4800
320
12
11776
512
3840
256
13
12800
512
2880
192
14
13824
512
1920
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com