Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 50 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 50 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 46Page - Microchip Technology LAN89730 Datasheet HTML 47Page - Microchip Technology LAN89730 Datasheet HTML 48Page - Microchip Technology LAN89730 Datasheet HTML 49Page - Microchip Technology LAN89730 Datasheet HTML 50Page - Microchip Technology LAN89730 Datasheet HTML 51Page - Microchip Technology LAN89730 Datasheet HTML 52Page - Microchip Technology LAN89730 Datasheet HTML 53Page - Microchip Technology LAN89730 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 218 page
background image
LAN89730
DS60001348A-page 50
 2013-2015 Microchip Technology Inc.
4.4.1.1
RX Error Detection
The FCT can be configured to drop Ethernet frames when certain error conditions occur. The setting of the Discard
Errored Received Ethernet Frame (DRP) bit of the Hardware Configuration Register (HW_CFG) on page 123 deter-
mines if the frame will be retained or dropped. Error conditions are indicated in the Rx Status Word. The following error
conditions are tracked by the TLI:
• CRC Error
• Collision Seen
• Frame Too Long
•Runt Frame
Refer to Section 4.3.1.7, "Statistics" for more details on the error conditions tracked by the device.
The FCT also drops frames when it detects a FIFO overflow condition. This occurs when the FIFO full condition occurs
while a frame is being received. The FCT also maintains a count of the number of times a FIFO overflow condition has
occurred.
Dropping an Ethernet frame is implemented by rewinding the received frame. A write side rewind is implemented by
setting the rx_wr_ptr to be equal to the rx_wr_hd_ptr. Similarly, a read side rewind is implemented by setting the
rx_rd_ptr to be equal to the rx_rd_hd_ptr.
For the case where the frame is dropped due to overflow, the FCT ignores the remainder of the frame. It will not begin
writing into the RX FIFO again until the next frame is received.
In the read direction, the FCT must also support rewinds for the UTX. This is needed for the case where the USB Bulk-
Out packet is not successfully received by the host and needs to be retransmitted.
4.4.1.2
RX Status Format
Table 4-40 illustrates the format of the RX Status Word.
TABLE 4-40:
RX STATUS WORD FORMAT
Bits
Description
31
RESERVED
30
Filtering Fail
When set, this bit indicates that the associated frame failed the address recognizing filtering.
29:16
Frame Length
The size, in bytes, of the corresponding received frame.
15
Error Status (ES)
When set, this bit indicates that the TLI has reported an error. This bit is the logical OR of bits 11, 7, 6,
1 in this status word.
14
RESERVED
13
Broadcast Frame
When set, this bit indicates that the received frame has a Broadcast address.
12
Length Error (LE)
When set, this bit indicates that the actual length does not match with the length/type field of the
received frame.
11
Runt Frame
When set, this bit indicates that frame was prematurely terminated before the collision window (64
bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit MAC_CR Bit [16] is set.
10
Multicast Frame
When set, this bit indicates that the received frame has a Multicast address.
9:8
RESERVED
7
Frame Too Long
When set, this bit indicates that the frame length exceeds the maximum Ethernet specification of 1518
bytes. This is only a Frame Too Long indication and will not cause the frame reception to be truncated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com