Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6331CP Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BL6331
http://www.belling.com.cn
- 7 -
Total 12 Pages
Nonclip-off mode setting
threshold voltage
VNC_OFF
0.36
0.68
V
Shutdown mode setting
threshold voltage
VSD
0
0.14
V
Attack time of
Nonclip1 mode
tAT1
VDD=3.6V,g=10dB
50
ms
Release time of
Nonclip1 mode
tRL1
VDD=3.6V,g=10dB
2.0
s
Attack time of
Nonclip2 mode
tAT2
VDD=3.6V,g=10dB
14
ms
Release time of
Nonclip2 mode
tRL2
VDD=3.6V,g=10dB
1.0
s
Wake-up mode setting
time
tWK
6
ms
Start time
(Shutdown release)
tSTUP
3.5
ms
Ta(Min.)=-20℃
50
ms
Shutdown setting time
TSD
Ta(Min.)=-30℃
80
ms
Each mode setting time
(Except shutdown)
tMOD
0.1
ms
ORDERING INFORMATION
Device
Marking
Package
Shipping
BL6331CP
6331
CSP9
3000 / Tape & Reel
Typical Performance Characteristics
Audio Precision
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.Ratio B
Left
8ohm_mode1
2
1
Green
Solid
1
Analyzer.Ratio B
Left
no load_mode1
3
1
Yellow
Solid
1
Analyzer.Ratio B
Left
8ohm_mode2
4
1
Red
Solid
1
Analyzer.Ratio B
Left
no load_mode2
+0
+20
+5
+10
+15
d
B
100m
1
200m
300m
400m
500m 600m 700m
900m
Vrms
Figure 1 GAIN VS Input Voltage @NC1(mode1)\NC2(mode2) VDD=3.6V RL=8ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com