Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6331CP Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL6331CP Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BL6331
http://www.belling.com.cn
- 2 -
Total 12 Pages
Function Block Diagram
33nF
33nF
Pre
AMP
Data
precessor
&
Driver
Non-clip
Modulator
Digtal
Controller
Internal
Oscillator
VREF
Generator
VDD
IN+
IN-
VREF
AGND
CTRL
PGND
PVDD
VO+
VO-
BL6331
Class D
Modulator
UVP
OTP
OCD
Description of operating functions
&Component Recommended
1、
、 Digital amplifier function
BL6331 The BL6311 is a 3-W high efficiency filter-free class-D audio power amplifier in a wafer
chip scale package (WLCSP) that requires only four external components.
Use a capacitor (1 μ F or more) with low enough ESR between VDD and GND as a
decoupling capacitor.
Use a capacitor (1μF) between VREF and GND to stabilize the VDD/2 Common-mode
voltage.
Use a capacitance of 0.1μF or less (e.g. 33nF), ±10% as a DC-cut capacitor (CIN) to
reduce pop noise.
For a differential input, input signal to IN+ and IN- pins via DC-cut capacitor (CIN). For a single-
ended input, input a signal to IN+ via DC-cut capacitor (CIN). At this time, IN- pin should be
connected to AGND via a DC-cut capacitor (CIN) with the same capacitance.
BL6331
BL6331
BL6331
BL6331
CIN
33nF
CIN
33nF
IN+
IN-
Zout
<600ohm
FrontCircuit
BL6331
BL6331
BL6331
BL6331
CIN
33nF
CIN
33nF
IN+
IN-
Zout
<600ohm
Differential input
Singe input
FrontCircuit
Notice:Please start up the former source circuit first to stabilize the DC bias point and then cancel
the shutdown state of BL6331. The time required to stabilize the voltage is decided by CIN, ZOUT of
front circuit and the input impedance of BL6331 (28.6K
typ.). The cut-off frequency of an input
signal is 169Hz at CIN=33nF.
2、
、 Non-clip control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com