Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6331CP Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL6331CP Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BL6331
http://www.belling.com.cn
- 1 -
Total 12 Pages
BL6331
MONAURAL 3W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
Features
Professional non-clip output control function:
Maximum non-clip output
800mW(VDD=4.2v, RL=8Ω,NC1 mode)
Four mode can be selected with CTRL
terminal: NC1( NonClip1), NC2 (nonClip2),
NC_OFF (NonClip-off), shutdown
Maximum output (work in nonclip-off mode)
3W(VDD=5.0V, RL=4Ω, THD+N=10%)
0.82W(VDD=3.6V, RL=8Ω, THD+N=10%)
THD+N
0.06% (VDD = 3.6V, RL=8Ω, PO=0.4W, 1kHZ)
Efficiency With an 8
Speaker:
88% at 400 mW
80% at 150 mW
Optimized PWM Output Stage Eliminates LC
Output Filter
Improved PSRR (−75 dB) and Wide Supply
Voltage (2.5 V to 5.5 V) Eliminates Need
for
a Voltage Regulator
Over-current and Thermal Protection function
Low voltage Malfunction prevention function
Available in space-saving package:
9-bump WLCSP
Applications
Mobile phone, PDA
MP3/4, PMP, GPS
Portable electronic devices
Pin Diagrams
1
2
3
A
B
C
top view
IN+
VDD
VO+
GND
VREF
PGND
IN-
CTRL
VO-
General Description
BL6331 is a 3-W (VDD=5.0V, RL=4Ω) high efficiency
filter-free class-D audio power amplifier in a wafer
chip scale package (WLCSP)
.
BL6331 has a “Professional non-clip output control
circuit” which reducing distortion of output signal due
to either the over level input signal or power supply
voltage down with battery,
Features like 88% efficiency, −75dB PSRR, and
improved RF-rectification immunity make the BL6331
ideal for cellular handsets. In cellular handsets, the
earpiece, speakerphone, and melody ringer can each
be driven by the BL6331.
Application Circuit
BL6331
BL6331
BL6331
BL6331
differential
input
CIN
33nF
CIN
33nF
Rctrl1
Rctrl2
Cctrl
Rctrl3
CTRL1
CTRL2
C1
1.0uF
C2
1.0uF
0.1uF
IN+
IN-
CTRL
VREF
VDD
AGND
PGND
VO+
VO-
Pin Description
Notice: CTRL terminal function is described in page 4.
PIN #
Name
Description
A1
IN+
Positive differential input
A2
VDD
Power Supply
A3
VO+
Positive BTL output
B1
AGND Analog Ground
B2
VREF Bypass capacitor connected
B3
PGND Power Ground
C1
IN-
Negative differential input
C2
CTRL Mode select
C3
VO-
Negative BTL output


Similar Part No. - BL6331CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
Pop noise reduction function
More results

Similar Description - BL6331CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
75 CATV Output Stage Amplifier
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
Fault-protection output with open drain output stage
logo
Texas Instruments
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
SHANGHAI BELLING CO., L...
BL6305MM BELLING-BL6305MM Datasheet
262Kb / 9P
Optimized PWM Output Stage Eliminates LC Output Filter
logo
NXP Semiconductors
PIP3104-P PHILIPS-PIP3104-P Datasheet
34Kb / 6P
TrenchMOS output stage
May 2001 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com