Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 32 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MGC3030/3130
DS40001667D-page 32
Advance Information
 2012-2015 Microchip Technology Inc.
MGC3X30 can update the I2C buffer only when the TS
is released by both chips and a data transfer can only
be started when MGC3X30 pulls the TS low.
This procedure secures that:
• the host is always informed when new sensor
data is available
• buffer updates in MGC3X30 are always
completed before data is sent to the I2C bus
Figure 5-3
shows the
complete communication
protocol.
FIGURE 5-3:
MGC3X30 COMMUNICATION PROTOCOL
In addition to the standard I2C interface, the
communication between MGC3X30 and the host
controller requires a proper handling of the Transfer
Status.
TABLE 5-9:
USAGE OF TRANSFER STATUS LINE
MGC3X30
Host Controller
TS Line
Status
Released (H)
Released (H)
High
Host finished reading data (Transfer end). No more data to
be transferred to the host. MGC3X30 is allowed to update the
data buffer.
Asserted (L)
Released (H)
Low
Data from MGC3X30 is available to be sent, but the host has
not yet started reading. If the host is busy and did not start
reading before the next data update (5 ms), the MGC3X30
will assert the TS line high while updating the data buffer.
Asserted (L)
Asserted (L)
Low
Host starts reading. MGC3X30 data buffer will not be
updated until the end of transfer (host releases TS high).
Released (H)
Asserted (L)
Low
MGC3X30 is ready to update the data buffer, but the host is
still reading the previous data. MGC3X30 is allowed to
update the data only when the host releases the TS high.
Transfer Status
(TS)
I
2CTM Bus
MGC3130 Related Transfer
MGC3130 Related Transfer
TS line pulled
low by master
when transfer
is started
TS line released
by master and
MGC3130 when
transfer is
finished
TS line pulled
by MGC3130
to request a
data transfer
MGC3130 buffer
can be updated
Non MGC3130 related transfer or Bus Idle
TS line pulled
low by master
when transfer is
started
MGC3130 buffer
can be updated
TS line pulled
by MGC3130
to request a
data transfer
TS line released
by master and
MGC3130 when
transfer is
finished
Note 1:
The stop condition after an I2C™ data
transmission is generated by the host
controller (I2C™ Master) after the data
transfer is completed. Thus, it is
recommended to verify the amount of
bytes to be read in the message header
(Size field).
2:
Transfer Status is only needed for data
transfer from MGC3X30 to the host
controller. Writing to MGC3X30 does not
require the additional TS signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com