Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 17 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 17
MGC3030/3130
4.0
FUNCTIONAL DESCRIPTION
Microchip
Technology’s
MGC3X30
configurable
controller uses up to five E-field receiving electrodes.
Featuring a Signal Processing Unit (SPU), a wide
range of 3D gesture applications are being pre-
processed on the MGC3X30, which allows short
development cycles, as no host processing is needed.
Always-on 3D sensing, even for battery-driven mobile
devices, is enabled due to the chip’s low-power design
and variety of programmable power modes. A Self
Wake-up mode triggers interrupts to the application
host reacting to interaction of a user with the device
and supporting the host system in overall power
reduction.
The MGC3X30 offers one enhanced I2C™ interface in
including SDA, SCL and TS line (EIO0) for data
exchange with a host controller.
GestIC® sensing electrodes are driven by a low-volt-
age signal with a frequency in the range of 100 kHz,
which allows their electrical conductive structure to be
made of any low-cost material. Even the reuse of exist-
ing conductive structures, such as a display’s ITO coat-
ing, is feasible, making the MGC3X30 an overall, very
cost-effective system solution.
Figure 4-1 provides an overview of the main building
blocks of MGC3X30. These blocks will be described in
the following sections.
FIGURE 4-1:
MGC3X30 CONTROLLER BLOCK DIAGRAM
Host
Signal
processing
unit (SPU)
Power management
unit (PMU)
Internal clock
TX signal generation
External
electrodes
Communication
control (I2C)
MGC3030/
3130 Controller
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
FLASH
memory
Gesture Port
and Interface
Selection
Reset block
Voltage reference
(VREF)
TXD
RX0
RX1
RX2
RX3
RX4
MCLR
SI0
SI1
EIO1/IS1
EIO2
EIO3
IS2
EIO0
Low power
wake-up
Host
Signal
processing
unit (SPU)
Power management
unit ((PMU))
Internal clock
TX signal generation
External
electrodes
Communication
control (I2C)
MGC3030/
3130 Controller
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
FLASH
memory
y
Gesture Port
and Interface
Selection
Reset block
Voltage reference
((VREF))
TXD
RX0
RX1
RX2
RX3
RX4
MCLR
SI0
SI1
EIO1/IS1
EIO2
EIO3
IS2
EIO0
Low power
wake-up
p
EIO6
EIO7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com