Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3030 Datasheet(PDF) 14 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 10Page - Microchip Technology MGC3030 Datasheet HTML 11Page - Microchip Technology MGC3030 Datasheet HTML 12Page - Microchip Technology MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MGC3030/3130
DS40001667D-page 14
Advance Information
 2012-2015 Microchip Technology Inc.
3.0
SYSTEM ARCHITECTURE
MGC3X30 are mixed-signal configurable controllers.
The entire system solution is composed of three main
building blocks (see Figure 3-1):
• MGC3X30 Controller
• GestIC® Library
• External Electrodes
3.1
MGC3X30 Controller
The MGC3X30 feature the following main building
blocks:
• Low Noise Analog Front End (AFE)
• Digital Signal Processing Unit (SPU)
• Communication Interfaces
The MGC3X30 provide a transmit signal to generate
the E-field, conditions the analog signals from the
receiving electrodes and processes these data digitally
on the SPU. Data exchange between the MGC3X30
and the host is conducted via the controller’s
communication interface or the Gesture Port. For
details, please refer to Section 4.0 “Functional
Description”
.
3.2
GestIC® Library
The embedded GestIC Library is optimized to ensure
continuous
and
real-time
free-space
Gesture
Recognition
and
Motion
tracking
(MGC3130)
concurrently. It is fully-configurable and allows required
parameterization for individual application and external
electrodes.
3.3
External Electrodes
Electrodes are connected to MGC3X30. An electrode
needs to be individually designed following the guide
lines from the ‘GestIC Design Guide’ for optimal E-field
distribution and detection of E-field variations inflicted
by a user.
FIGURE 3-1:
MGC3X30 CONTROLLER SYSTEM ARCHITECTURE
MGC3X30
Analog Front End
Communications
Interfaces
GestIC
®
Library
External
Electrodes
Tx
Rx
5
Signal Processing
Unit
To application
host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com