Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R50A Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT48R50A
Description  8-Bit Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R50A Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R50A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
HT48R50A-1
Rev. 1.10
12
July 2, 2001
Accumulator
The accumulator is closely related to ALU oper-
ations. It is also mapped to location 05H of the
data memory and can carry out immediate data
operations. The data movement between two
data memory locations must pass through the
accumulator.
Arithmetic and logic unit - ALU
This circuit performs 8-bit arithmetic and logic
operations. The ALU provides the following func-
tions:
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data op-
eration but also changes the status register.
Status register - STATUS
This 8-bit register (0AH) contains the zero flag
(Z), carry flag (C), auxiliary carry flag (AC),
overflow flag (OV), power down flag (PD), and
watchdog time-out flag (TO). It also records the
status information and controls the operation
sequence.
With the exception of the TO and PD flags,
bits in the status register can be altered by
instructions like most other registers. Any
data written into the status register will not
change the TO or PD flag. In addition opera-
tions related to the status register may give
different results from those intended. The
TO flag can be affected only by system
power-up, a WDT time-out or executing the
"CLR WDT" or "HALT" instruction. The PD
flag can be affected only by executing the
"HALT" or "CLR WDT" instruction or during
a system power-up.
The Z, OV, AC and C flags generally reflect the
status of the latest operations.
In addition, on entering the interrupt sequence
or executing the subroutine call, the status reg-
ister will not be pushed onto the stack automat-
ically. If the contents of the status are
important and if the subroutine can corrupt the
status register, precautions must be taken to
save it properly.
Labels
Bits
Function
C0
C is set if the operation results in a carry during an addition operation or if a bor-
row does not take place during a subtraction operation; otherwise C is cleared. C
is also affected by a rotate through carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no
borrow from the high nibble into the low nibble in subtraction; otherwise AC is
cleared.
Z2
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is
cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a
carry out of the highest-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared by system power-up or executing the "CLR WDT" instruction. PD
is set by executing the "HALT" instruction.
TO
5
TO is cleared by system power-up or executing the "CLR WDT" or "HALT" in-
struction. TO is set by a WDT time-out.
¾
6
Unused bit, read as "0"
¾
7
Unused bit, read as "0"
Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com