Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R50A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R50A
Description  8-Bit Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R50A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R50A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Pin Name
I/O
ROM Code
Option
Description
OSC1/PG1
OSC2/PG2
I
O
Pull-high*
Crystal or RC
or Int. RC+I/O
or Int. RC+RTC
OSC1, OSC2 are connected to an RC network or Crystal
(determined by ROM code option) for the internal system
clock. In the case of RC operation, OSC2 is the output termi-
nal for 1/4 system clock. These two pins can also be optioned
as an RTC oscillator (32768Hz) or I/O lines. In these two
cases, the system clock comes from an internal RC oscillator
whose frequency has 4 options (3.2MHz, 1.6MHz, 800kHz,
400kHz). If the I/O option is selected, the pull-high options
can also be enabled or disabled. Otherwise the PG1 and
PG2 are used as internal registers (pull-high resistors are
always disabled).
Note: * The pull-high resistors of each I/O port (PA, PB, PC, PD, PG) are controlled by a ROM code
options.
or Schmitt trigger option of port A is controlled by a ROM code option.
Absolute Maximum Ratings
Supply Voltage ...............VSS-0.3V to VSS+5.5V
Storage Temperature ................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maxi-
mum Ratings" may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD1
Operating Voltage
¾ fSYS=4MHz
3.3
¾
5.5
V
VDD2
Operating Voltage
¾ fSYS=8MHz
4.5
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3.3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(RC OSC)
3.3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD3
Operating Current
(Crystal OSC)
5V No load, fSYS=8MHz
¾
48
mA
HT48R50A-1
Rev. 1.10
5
July 2, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com