Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054L35PRFGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7054L35PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054L35PRFGI Datasheet(HTML) 2 Page - Integrated Device Technology

  7054L35PRFGI Datasheet HTML 1Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 2Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
2
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately 14mm x 20mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
address,andI/Opinsthatpermitindependent, asynchronousaccessfor
readsorwritestoanylocationinmemory.Itistheuser’sresponsibilityto
ensuredataintegritywhensimultaneouslyaccessingthesamememory
location from all ports. An automatic power down feature, controlled by
CE
, permits the on-chip circuitry of each port to enter a very low power
standby power mode.
Fabricatedusing CMOShigh-performance technology,thisFourPort
SRAM typically operates on only 750mW of power.
The IDT7054 is packaged in a 128-pin Thin Quad Flatpack (TQFP).
Pin Configuration(1,2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com