Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054L35PRFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7054L35PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054L35PRFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  7054L35PRFGI Datasheet HTML 1Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 2Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
©2015 Integrated Device Technology, Inc.
FEBRUARY 2015
DSC 3241/13
IDT7054S/L
Features
◆
◆
◆
◆
◆ High-speed access
– Commercial: 20/25/35ns (max.)
– Industrial:25ns(max.)
◆
◆
◆
◆
◆ Low-power operation
– IDT7054S
Active: 750mW (typ.)
Standby: 7.5mW (typ.)
– IDT7054L
Active: 750mW (typ.)
Standby: 1.5mW (typ.)
◆
◆
◆
◆
◆ True FourPort memory cells which allow simultaneous
access of the same memory locations
◆
◆
◆
◆
◆ Fully asynchronous operation from each of the four ports:
P1, P2, P3, and P4
◆
◆
◆
◆
◆ TTL-compatible; single 5V (±10%) power supply
◆
◆
◆
◆
◆ Available in 128 pin Thin Quad Flatpack package
◆
◆
◆
◆
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆ Green parts available, see ordering information
Description
TheIDT7054isahigh-speed4Kx8FourPort™StaticRAMdesigned
to be used in systems where multiple access into a common RAM is
required.ThisFourPortStaticRAMoffersincreasedsystemperformance
inmultiprocessorsystemsthathaveaneedtocommunicateinrealtimeand
alsooffersaddedbenefitforhigh-speedsystemsinwhichmultipleaccess
is required in the same cycle.
The IDT7054 is also designed to be used in systems where on-chip
hardware port arbitration is not needed. This part lends itself to those
systems which cannot tolerate wait states or are designed to be able to
externally arbitrated or withstand contention when all ports simulta-
neously access the same FourPort RAM location.
TheIDT7054providesfourindependentportswithseparatecontrol,
Functional Block Diagram
HIGH-SPEED
4K x 8 FourPortTM
STATIC RAM
MEMORY
ARRAY
COLUMN
I/O
PORT 1
ADDRESS
DECODE
LOGIC
PORT 2
ADDRESS
DECODE
LOGIC
COLUMN
I/O
COLUMN
I/O
PORT 4
ADDRESS
DECODE
LOGIC
PORT 3
ADDRESS
DECODE
LOGIC
COLUMN
I/O
R/WP1
I/O0P1-I/O7P1
CEP1
OEP1
A0P1 -A11P1
R/WP2
CEP2
OEP2
3241 drw 01
I/O0P2-I/O7P2
A0P2 -A11P2
R/WP4
I/O0P4-I/O7P4
CEP4
OEP4
A0P4 -A11P4
R/WP3
CEP3
OEP3
I/O0P3-I/O7P3
A0P3 -A11P3


Similar Part No. - 7054L35PRFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7054 ETC2-7054 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7054 ETC2-7054 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Alpha Wire
7054 ALPHAWIRE-7054 Datasheet
70Kb / 3P
Customer Specification
logo
Keystone Electronics Co...
7054 KEYSTONE-7054 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Alpha Wire
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
Customer Specification
2/21/2023
More results

Similar Description - 7054L35PRFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com