Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054L35PRFGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7054L35PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054L35PRFGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7054L35PRFGI Datasheet HTML 2Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 9Page - Integrated Device Technology 7054L35PRFGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
6
Timing Waveform of Read Cycle No. 2, Any Port(1, 2)
NOTES:
1. R/W = VIH for Read Cycles.
2. Addresses valid prior to or coincident with CE transition LOW.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. 'X' in part number indicates power rating (S or L).
7054X20
Com'l Only
7054X25
Com'l & Ind
7054X35
Com'l Only
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
10
____
15
____
25
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time(1,2)
5
____
5
____
5
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
15
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
20
____
25
____
35
ns
3241 tbl 09
3241 drw 06
tAOE
tLZ
tHZ
DATAOUT
CE
tACE
VALID DATA
OE
CURRENT
ICC
ISB
tPU
50%
tLZ
tPD
50%
tHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com