Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3916 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3916 Datasheet HTML 1Page - National Semiconductor (TI) LM3916 Datasheet HTML 2Page - National Semiconductor (TI) LM3916 Datasheet HTML 3Page - National Semiconductor (TI) LM3916 Datasheet HTML 4Page - National Semiconductor (TI) LM3916 Datasheet HTML 5Page - National Semiconductor (TI) LM3916 Datasheet HTML 6Page - National Semiconductor (TI) LM3916 Datasheet HTML 7Page - National Semiconductor (TI) LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation (Note 6)
Molded DIP (N)
1365 mW
Supply Voltage
25V
Voltage on Output Drivers
25V
Input Signal Overvoltage (Note 4)
±35V
Divider Voltage
−100 mV to V
+
Reference Load Current
10 mA
Storage Temperature Range
−55˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
Electrical Characteristics (Notes 2, 4)
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
COMPARATORS
Offset Voltage, Buffer and First Comparator
0V
≤ V
RLO = VRHI ≤ 12V,
I
LED = 1mA
310
mV
Offset Voltage, Buffer and Any Other Comparator
0V
≤ V
RLO = VRHI ≤ 12V,
I
LED = 1mA
315
mV
Gain (
∆I
LED/ ∆VIN)I(REF) = 2 mA, ILED = 10 mA
3
8
mA/mV
Input Bias Current (at Pin 5)
0V
≤ V
IN ≤ (V
+ −1.5V)
25
100
nA
Input Signal Overvoltage
No Change in Display
−35
35
V
VOLTAGE DIVIDER
Divider Resistance
Total, Pin 6 to 4
8
12
17
k
Ω
Relative Accuracy (Input Change
Between Any Two Threshold Points)
(Note 3)
−1 dB
≤ V
IN ≤ 3dB
−7 dB
≤ V
IN ≤ −1 dB
−10 dB
≤ V
IN ≤ −7 dB
0.75
1.5
2.5
1.0
2.0
3.0
1.25
2.5
2.5
dB
dB
dB
Absolute Accuracy
(Note 3)
V
IN = 2, 1, 0, −1 dB
V
IN = −3, −5 dB
V
IN = −7, −10, −20 dB
−0.25
−0.5
−1
+0.25
+0.5
+1
dB
dB
dB
VOLTAGE REFERENCE
Output Voltage
0.1 mA
≤ I
L(REF) ≤ 4 mA,
V
+ = V
LED = 5Vg
1.2
1.28
1.34
V
Line Regulation
3V
≤ V+ ≤ 18V
0.01
0.03
%/V
Load Regulation
0.1 mA
≤ I
L(REF) ≤ 4 mA,
V
+ = V
LED = 5V
0.4
2
%
Output Voltage Change with Temperature
0˚C
≤ T
A ≤ +70˚C, IL(REF) = 1 mA,
V
+ = V
LED = 5V
1
%
Adjust Pin Current
75
120
µA
OUTPUT DRIVERS
LED Current
V
+ = V
LED = 5V, IL(REF) = 1 mA
7
10
13
mA
LED Current Difference (Between Largest and
Smallest LED Currents)
V
LED = 5V, ILED = 2mA
V
LED = 5V, ILED = 20 mA
0.12
1.2
0.4
3
mA
mA
LED Current Regulation
2V
≤ V
LED ≤ 17V
I
LED 2mA
I
LED = 20 mA
0.1
1
0.25
3
mA
mA
Dropout Voltage
I
LED(ON) = 20 mA @ VLED = 5V,
∆I
LED = 2mA
1.5
V
Saturation Voltage
I
LED = 2.0 mA, IL(REF) = 0.4 mA
0.15
0.4
V
Output Leakage, Each Collector
Bar Mode (Note 5)
0.1
100
µA
Output Leakage
Dot Mode (Note 5)
Pins 10–18
0.1
100
µA
Pin 1
60
150
450
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com