Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3916 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 4Page - National Semiconductor (TI) LM3916 Datasheet HTML 5Page - National Semiconductor (TI) LM3916 Datasheet HTML 6Page - National Semiconductor (TI) LM3916 Datasheet HTML 7Page - National Semiconductor (TI) LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Mode Pin Functional Description
(Continued)
DOT OR BAR MODE SELECTION
The voltage at pin 9 is sensed by comparator C1, nominally
referenced to (V
+ −100 mV). The chip is in bar mode when
pin 9 is above this level; otherwise it’s in dot mode. The com-
parator is designed so that pin 9 can be left open circuit for
dot mode.
Taking into account comparator gain and variation in the
100 mV reference level, pin 9 should be no more than 20 mV
below V
+ for bar mode and more than 200 mV below V+ (or
open circuit) for dot mode. In most applications, pin 9 is ei-
ther open (dot mode) or tied to V
+ (bar mode). In bar mode,
pin 9 should be connected directly to pin 3. Large currents
drawn from the power supply (LED current, for example)
should not share this path so that large IR drops are avoided.
DOT MODE CARRY
In order for display to make sense when multiple drivers are
cascaded in dot mode, special circuitry has been included to
shut off LED #10 of the first device when LED #1 of the sec-
ond device comes on. The connection for cascading in dot
mode has already been described and is depicted in
Figure
1.
As long as the input signal voltage is below the threshold of
the second driver, LED #11 is off. Pin 9 of driver #1 thus sees
effectively an open circuit so the chip is in dot mode. As soon
as the input voltage reaches the threshold of LED #11, pin 9
of driver #1 is pulled an LED drop (1.5V or more) below
V
LED. This condition is sensed by comparator C2, refer-
enced 600 mV below V
LED. This forces the output of C2 low,
which shuts off output transistor Q2, extinguishing LED #10.
V
LED is sensed via the 20k resistor connected to pin 11. The
very small current (less than 100 µA) that is diverted from
LED #9 does not noticeably affect its intensity.
An auxiliary current source at pin 1 keeps at least 100 µA
flowing through LED #11 even if the input voltage rises high
enough to extinguish the LED. This ensures that pin 9 of
driver #1 is held low enough to force LED #10 off when
any
higher LED is illuminated. While 100 µA does not normally
produce significant LED illumination, it may be noticeable
when using high-efficiency LEDs in a dark environment. If
this is bothersome, the simple cure is to shunt LED #11 (and
LED #1) with a 10k resistor. The 1V 1R drop is more than the
900 mV worst case required to hold off LED #10 yet small
enough that LED #11 does not conduct significantly.
In some circuits a number of outputs on the higher device
are not used. Examples include the high resolution VU meter
and the expanded range VU meter circuits (see Typical Ap-
plications). To provide the proper carry sense voltage in dot
mode, the LEDs of the higher driver IC are tied to V
LED
through two series-connected diodes as shown in
Figure 2.
Shunting the diodes with a 1k resistor provides a path for
driver leakage current.
DS007971-8
FIGURE 1. Cascading LM3914/15/16 Series in Dot Mode
DS007971-9
FIGURE 2. Cascading Drivers in Dot Mode with Pin 1 of Driver #2 Unused
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com