Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3916 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 5Page - National Semiconductor (TI) LM3916 Datasheet HTML 6Page - National Semiconductor (TI) LM3916 Datasheet HTML 7Page - National Semiconductor (TI) LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) LM3916 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Mode Pin Functional Description
(Continued)
OTHER DEVICE CHARACTERISTICS
The LM3915 is relatively low-powered itself, and since any
number of LEDs can be powered from about 3V, it is a very
efficient display driver. Typical standby supply current (all
LEDs OFF) is 1.6 mA. However, any reference loading adds
4 times that current drain to the V
+ (pin 3) supply input. For
example, an LM3915 witha1mA reference pin load (1.3k)
would supply almost 10 mA to every LED while drawing only
10 mA from its V
+ pin supply. At full-scale, the IC is typically
drawing less than 10% of the current supplied to the display.
The display driver does not have built-in hysteresis so that
the display does not jump instantly from one LED to the next.
Under rapidly changing signal conditions, this cuts down
high frequency noise and often an annoying flicker. An “over-
lap” is built in so that at no time are all segments completely
off the dot mode. Generally one LED fades in while the other
fades out overa1mV range. The change may be much
more rapid between LED #10 of one device and LED #1ofa
second device cascaded.
Application Hints
The most difficult problem occurs when large LED currents
are being drawn, especially in bar graph mode. These cur-
rents flowing out of the ground pin cause voltage drops in ex-
ternal wiring, and thus errors and oscillations. Bringing the
return wires from signal sources, reference ground and bot-
tom of the resistor string to a single point very near pin 2 is
the best solution.
Long wires from V
LED to LED anode common can cause os-
cillations. The usual cure is bypassing the LED anodes with
a 2.2 µF tantalum or 10 µF aluminum electrolytic capacitor. If
the LED anode line wiring is inaccessible, often a 0.1 µF ca-
pacitor from pin 1 to pin 2 will be sufficient.
If there is a large amount of LED overlap in the bar mode, os-
cillation or excessive noise is usually the problem. In cases
where proper wiring and bypassing fail to stop oscillations,
V
+ voltage at pin 3 is usually below suggested limits. When
several LEDs are lit in dot mode, the problem is usually an
AC component of the input signal which should be filtered
out. Expanded scale meter applications may have one or
both ends of the internal voltage divider terminated at rela-
tively high value resistors. These high-impedance ends
should be bypassed to pin 2 with 0.1 µF.
Power dissipation, especially in bar mode should be given
consideration. For example, with a 5V supply and all LEDs
programmed to 20 mA the driver will dissipate over 600 mW.
In this case a 7.5
Ω resistor in series with the LED supply will
cut device heating in half. The negative end of the resistor
should be bypassed with a 2.2 µF solid tantalum or 10 µF
aluminum electrolytic capacitor to pin 2.
TIPS ON RECTIFIER CIRCUITS
The simplest way to display an AC signal using the LM3916
is to apply it right to pin 5 unrectified. Since the LED illumi-
nated represents the instantaneous value of the AC wave-
form, one can readily discern both peak and average values
of audio signals in this manner. The LM3916 will respond to
positive half-cycles only but will not be damaged by signals
up to ±35V (or up to ±100V if a 39k resistor is in series with
the input). A smear or bar type display results even though
the LM3916 is connected for dot mode. The LEDs should be
run at 20 mA to 30 mA for high enough average intensity.
True average or peak detection requires rectification. If an
LM3916 is set up with 10V full scale across its voltage di-
vider, the turn-on point for the first LED is only 450 mV. A
simple silicon diode rectifier won’t work well at the low end
due to the 600 mV diode threshold. The half-wave peak de-
tector in
Figure 3 uses a PNP emitter-follower in front of the
diode. Now, the transistor’s base-emitter voltage cancels out
the diode offset, within about 100 mV. This approach is usu-
ally satisfactory when a single LM3916 is used for a 23 dB
display.
Display circuits such as the extended range VU meter using
two or more drivers for a dynamic range of 40 dB or greater
require more accurate detection. In the precision half-wave
rectifier of
Figure 4 the effective diode offset is reduced by a
factor equal to the open-loop gain of the op amp. Filter ca-
pacitor C2 charges through R3 and discharges through R2
and R3, so that appropriate selection of these values results
in either a peak or an average detector. The circuit has a
gain equal to R2/R1.
It’s best to capacitively couple the input. Audio sources fre-
quently have a small DC offset that can cause significant er-
ror at the low end of the log display. Op amps that slew
quickly, such as the LF351, LF353 or LF356, are needed to
faithfully respond to sudden transients. It may be necessary
to trim out the op amp DC offset voltage to accurately cover
a 60 dB range. Best results are obtained if the circuit is ad-
justed for the correct output when a low-level AC signal (10
to 20 mV) is applied, rather than adjusting for zero output
with zero input.
DS007971-10
*DC Couple
FIGURE 3. Half-Wave Peak Detector
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com