Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-R-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # U.FL-R-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 5 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Heightproduct)
This jig is used for extraction from a mating condition.
U. FL/
90
50
All dimensions: mm
SMA Conversion Adapter
Note: When mating with corresponding part (N.FL-R-
SMT-1) must be pressed down and held to make
complete connection.
Part No.
HRMJ-N.FLP-ST5
HRS No.
RoHS
311-0423-2
All dimensions: mm
(18.3)
5.5
6
1/4-36UNS-2A
(4)
Note: Applicable to all the U.FL-LP(V)-040, U.FL-LP-062 and N.FL.
Part No.
U.FL-LP(V)-N-2
RoHS
HRS No.
331-0493-2
Plug extraction tool
Note: Applicable to both N.FL and U.FL.
Part No.
HRMJ-U.FLP(40)
HRS No.
RoHS
311-0301-5 40
All dimensions: mm
SMA Conversion Adapter (N.FL / U.FL side plug - SMA side jack)
Note: The FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
14.05
1/4-36UNS-2A
65.6
(4.05)
■Conversion Adapters
Part No.
HRMP-U.FLJ(40)
HRS No.
RoHS
311-0300-2 40
All dimensions: mm
SMA Conversion Adapter (N.FL / U.FL side jack - SMA side plug)
Note: The FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
(10.7)
8HEX
Note: Applicable to both N.FL and U.FL.
■Receptacle Inspection Adapter
Part No.
U.FL-R-1
HRS No.
RoHS
331-0466-0
All dimensions: mm
Used for inspecting the performance
parameters of the cable assembly.
12.9
5
7HEX
M5∞0.5
1
(7.9)
(4.4)
(12.9)
For distinction with
W.FL-LP-IN.
All dimensions: mm
Part No.
U.FL-LP-IN
RoHS
HRS No.
331-0334-9
This tool is used for mating a plug.
Plug mating tool
Note: Applicable to both N.FL and U.FL.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com