Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-R-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # U.FL-R-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 3 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
How To Specify Cable Assembly
Ordering Information
Standard tolerances for (L)
■Cable Assembly(Plug)
N.FL - 2LP HF6 - 04N
「」TV -A - L
[Double-ended cable assembly]
[Single-ended cable assembly]
Ordering Information
Series name
N.FL
Assembly type
LP : Single ended
2LP : Double ended
Environmental compliant
HF6 : Halogen-free plug
6 : Standard Plug
Cable type
04N : 0.81mm dia. ultra-time coaxial cable
Cable color
1:White 2:Black
Cable outer conductor
TV: Tin plated braided wire
Total length (mm)
Length(L)
(L)mm
Standard Tolerance(mm)
*L=35 to 200
±4
*L=200 to 500
±8
*L=500 to 1000
±12
L=Longer than 1000
±1.5% of (L)
3.4
Note: Minimum available length(L) is 35mm.
L
L
N.FL-LP-040(06), N.FL-LP-040HF(06)(Applicable cable: outer diameter 0.81)
[Plugs can be ordered only as terminated cable assemblies]
Used Plug: N.FL-LP-040(06), N.FL-LP-040HF(06)
Double-
Ended
Single-
Ended
N.FL - LP
HF6 - 04N
「」TV -A - L
Ordering Information
L(mm)
L(mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com