Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-R-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # U.FL-R-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 4 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Heightproduct)
■Receptacle
BRecommended PCB
mounting pattern
GND
GND
GND
SIG
Ø2
0.6
0.6
2.6
3
No conductive
traces in this area
GND
SIG
0.8
1.9
3.8
All dimensions: mm
All dimensions: mm
Part No.
HRS No.
Packaging
RoHS
N.FL-R-SMT-1(60)
331-0332-3 60
Reel (5,000 pcs/reel)
N.FL-R-SMT-1(80)
331-0332-3 80
Reel (10,000 pcs/reel)
●Embossed Carrier Tape Dimensions (IEC 60286-3 compliant)
8
2
4
Unreeling direction
Embossed Carrier tape Dimensions
Reel Dimensions
2
4
4
Unreeling direction
2
13.5
Ø13
Ø21
A
Material:
PS(Black)
ASCALE FREE
(N.FL-R-SMT-1(60) 8mm pitch)
(N.FL-R-SMT-1(80) 4mm pitch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com