Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF51 Datasheet(PDF) 7 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 7 Page - Hirose Electric

Back Button MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric MDF51_17 Datasheet HTML 10Page - Hirose Electric MDF51_17 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MDF51 Series
●High Voltage Wire-to-Board Connectors
Part No.
HRS No.
Packaging
Finish
MDF51-24SCF(40)
547-2005-0 40
10,000 / reel
Tin plating
Please place orders in full reel increments.
2.25
3.1
1.4
t=0.2
●UL style : UL3239
●Strip length
1.8 to 2.6mm
Tools
●Applicable wire (Tin plated, annealed copper wire)
Unit : mm
Crimp contact
Usage Recommendations
Type
Part No.
HRS No.
Applicable contact
Applicator
AP105-MDF51-24S
901-4607-9 00
MDF51-24SCF
Press
CM-105
901-0005-4 00
-----------------
Contact extraction tool
DF-C-PO (B)
550-0179-2 00
MDF51-24SCF
1.Recommended temperature profile
Note 1 : Up to 2 cycles of Reflow soldering are possible under the same
conditions, provided that there is a return to normal temperature
between the first and second cycle.
Note 2 : The temperature profile indicates the board surface temperature at
the point of contact with the connector terminals.
2.Reccomended flow temperature
Peak temperature : 260ç for 10 seconds max.
3. Recommended manual soldering
Manual soldering : 350ç for 3 seconds max.
4. Recommended screen thickness
and open area ratio
(Pattern area ratio)
Thickness : 0.15mm
Open area ratio : 100%
5. Board warpage
Maximum of 0.03mm at the connector center, with both ends of the connector as
reference points.
6. Cleaning conditions
Refer to "Board to cable connectors Use Handbook".
7. Wire preparation and contact
crimping
Refer to “Board to cable connectors Use Handbook”.
The crimp contact termination must be performed using specified tools.
All dimensions and crimp conditions are listed in applicable Crimp Condition
Table and Crimping Quality Standards Manual.
Wire size (Stranded wire conductor)
Jacket diameter
AWG#24 (19 / Ø0.127mm)
Ø1.74mm
Note : When using other than the recommended wire, contact your nearest
Hirose sales representative.
10sMAX
30~60sec
60~120sec
255
çMAX
180
ç
100
150
200
250
230
ç
Time (Seconds)
Temperature (ç)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com