Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF51 Datasheet(PDF) 4 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 4 Page - Hirose Electric

  MDF51_17 Datasheet HTML 1Page - Hirose Electric MDF51_17 Datasheet HTML 2Page - Hirose Electric MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MDF51 Series
●High Voltage Wire-to-Board Connectors
■Crimp socket (Contact pitch : 12 mm)
• Contacts supplied separately
25.6
9.35
P=12
Contact No.1 mark
●With crimp contacts assembled
■Header (Contact pitch : 12 mm)
●Straight, through hole
●Packaging Specification
340
16.65
P=18
P=18
A
Contact No.1 mark
t=0.3
16.7
21.5
P=12
12±0.1
16 7±0
12±0.1
0.5+0.1
0
16.7±0.1
Recommended PCB layout dimensions
(Thickness : 1.6mm)
Unit : mm
Unit : mm
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51K-2P-12DSA(20) 547-2017-9 20
2
Black
150 pcs/tray
Please place orders in full tray increments.
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51-2S-12C
547-2004-7 00
2
White
100 pcs/pack
Please place orders in full pack increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com