Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF51 Datasheet(PDF) 1 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 1 Page - Hirose Electric

  MDF51_17 Datasheet HTML 1Page - Hirose Electric MDF51_17 Datasheet HTML 2Page - Hirose Electric MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2015.8
w
High Voltage Wire-to-Board Connectors
MDF51 Series
■Features
1. Simple, one step mating
Built-in locks assure correct and complete mating
with just a single, downward push on the plug.
2. Vertical mating style
The vertical mating style and built-in, self aligning
features are efficient and eliminates the need for
additional space that would be required with a
horizontal mating style connector.
3. Designed for high voltage applications
Wide contact pitch and creepage distance maintain
stable and safe performance at high voltage levels.
4. Secure attachment to the board
Four solder points are provided to keep the headers
firmly secured to the PCB.
5. Secure hold during the soldering operation.
The 12 mm pitch version incorporates a built in hold-
down feature that helps keep the connector aligned
during the soldering operation.
6. UL, C-UL, and TÜV certified (12mm pitch only)
7. RoHS compliant
■Applications
LCD TV backlights, FPD power supplies and other
applications requiring small high-voltage connectors.
Socket
Header
Lock
●Simple and secure mating with one push
●Secure hold during the soldering operation
Hold-down
Insulator
Contacts
Fig.1
Fig.2


Similar Part No. - MDF51_17

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51-24SCF HIROSE-MDF51-24SCF Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
MDF51-2S-12C HIROSE-MDF51-2S-12C Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
MDF51K-2P-12DSA HIROSE-MDF51K-2P-12DSA Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
MDF51SU-2P-13V HIROSE-MDF51SU-2P-13V Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
MDF51SU-2S-13C HIROSE-MDF51SU-2S-13C Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
More results

Similar Description - MDF51_17

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
MDF51 HIROSE-MDF51 Datasheet
1Mb / 11P
High Voltage Board to Cable Connectors
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
High contact pressure Wire-to-Board connectors
logo
Molex Electronics Ltd.
0151350803 MOLEX1-0151350803 Datasheet
54Kb / 1P
CLIK-Mate Wire-to-Board Connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com