Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

174635 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 174635
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174635 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 174635 Datasheet HTML 3Page - Tyco Electronics 174635 Datasheet HTML 4Page - Tyco Electronics 174635 Datasheet HTML 5Page - Tyco Electronics 174635 Datasheet HTML 6Page - Tyco Electronics 174635 Datasheet HTML 7Page - Tyco Electronics 174635 Datasheet HTML 8Page - Tyco Electronics 174635 Datasheet HTML 9Page - Tyco Electronics 174635 Datasheet HTML 10Page - Tyco Electronics 174635 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Product Specification
108-5246
Rev. L
7 of 21
項目
試験項目
規
格
値
試
験
方
法
Para.
Test
Items
Requirements
Procedures
3.5.14
コネクタ挿入力、引抜力
Fig.4,Fig.5 参照
コンタクト・アセンブリを毎分
20mmの速度で30回挿入、引抜す
る。
この時の挿入力及び引抜力を
測定する。
3.5.14
Mating /Unmating Force
Fig.4, Fig.5
Measure the mating force and
the unmating force when
receptacle assembly and post
header assembly are mated and
unmated for 30 cycles at a rate
of 20 mm a minute.
3.5.15
耐久性
(繰り返し挿抜)
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
コネクタ・アセンブリを30サイク
ル挿入・引抜を繰り返す。.
3.5.15
Durability
(Repeated Mate / Unmating)
Termination resistance
(low level)(Final)
20 mΩ Max.
Mate and unmate connectors for
30 cycles.
3.5.16
振動
正弦波
低周波
振動中 1 μsec. を越える不連
続導通を生じないこと。
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
嵌合したコネクタに 1.52 mm の
振幅で、10-55-10 Hz に毎分 1 サ
イクルの割合で変化する掃引振
動を直交する三方向軸に 2 時間
ずつ与えること。
MIL-STD-202、試験法201
尚、嵌合後のコネクタはFig.7に
示す様に固定して行う。
3.5.16
Vibration
Sinusoidal
Low Frequency
No electrical discontinuity
greater than 1 μsec. shall
occur.
Termination resistance
(low level)(Final)
20 mΩ Max.
Subject mated connectors to
10-55-10 Hz traversed in 1
minute at 1.52 mm amplitude 2
hours each of 3 mutually
perpendicular planes.
MIL-STD-202,METHOD 201
The clamping manner shall be in
accordance with
Fig. 7, after
mating the connectors.
Fig.2 (続き)
Fig.2(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com