Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

174635 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 174635
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174635 Datasheet(HTML) 2 Page - Tyco Electronics

  174635 Datasheet HTML 1Page - Tyco Electronics 174635 Datasheet HTML 2Page - Tyco Electronics 174635 Datasheet HTML 3Page - Tyco Electronics 174635 Datasheet HTML 4Page - Tyco Electronics 174635 Datasheet HTML 5Page - Tyco Electronics 174635 Datasheet HTML 6Page - Tyco Electronics 174635 Datasheet HTML 7Page - Tyco Electronics 174635 Datasheet HTML 8Page - Tyco Electronics 174635 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Product Specification
108-5246
Rev. L
2 of 21
3.2 材
料
A.
リセ・コンタクト:
リン青銅
・錫めっき品
ニッケル下地めっき( 0.5μm以上)
錫めっき仕上げ(0.2μm以上)
・金めっき品
全面ニッケル下地めっき(1μm以上)
接触部:
パラジウムニッケルめっき
仕上げ(0.4μm以上)
金めっき仕上げ(0.05μm以上)
はんだ付け部:
金めっき仕上げ (0.05μm以上)
B.
ポスト:
黄銅 0.5 DIA
・錫めっき品
銅下地めっき(0.5μm以上)
錫めっき済(0.8μm以上)
・金めっき品
ニッケル下地めっき(1μm以上)
金めっき仕上げ(0.2μm以上)
C.
リセ・ハウジング
PPS樹脂(UL94
V-0)…黒色
D.
ヘッダー・ハウジング
PPS樹脂(UL94 V-0)…黒色
E.
スペーサー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
F.
リレー・ヘッダー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
3.2
Materials :
A.
Receptacle contact:
Phosphor Bronze Alloy
・Tin Plated Products
0.8μm min. thick tin plating over
0.5 μ m min. thick nickel underplating.
・Gold Plated Products
All over 1μm min. thick nickel plating.
Contact Area:
0.05μm min. thick gold plating over 0.4μm
min.thick palladium-nickel underplating.
Solder Area:
Gold Plated (Thickness:0.05μm min.)
B.
Post
Brass 0.5 Dia:
・
Tin Plated Products
0.8μm min. thick tin plating over 0.5μm
min. thick copper underplating.
・
Gold Plated Products
0.2μm min. thick gold plating over 1μm
min. thick nickel underplating
C.
Receptale Housing
PPS (UL: 94 V-0)・…Black
D.
Header Housing
PPS (UL: 94 V-0)・…Black
E.
Spacer Housing
6/6 Nylon (UL: 94 V-0)・…Black
F.
Relay Header Housing
6/6 Nylon (UL: 94 V-0)・…Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com