Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

174635 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 174635
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174635 Datasheet(HTML) 5 Page - Tyco Electronics

  174635 Datasheet HTML 1Page - Tyco Electronics 174635 Datasheet HTML 2Page - Tyco Electronics 174635 Datasheet HTML 3Page - Tyco Electronics 174635 Datasheet HTML 4Page - Tyco Electronics 174635 Datasheet HTML 5Page - Tyco Electronics 174635 Datasheet HTML 6Page - Tyco Electronics 174635 Datasheet HTML 7Page - Tyco Electronics 174635 Datasheet HTML 8Page - Tyco Electronics 174635 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Product Specification
108-5246
Rev. L
5 of 21
項目
試験項目
規
格
値
試
験
方
法
Para.
Test
Items
Requirements
Procedures
3.5.5
温度上昇対電流
規定電流を通電して、温度上昇
は30 °C以下
通電による温度上昇を測定する
こと。
3.5.5
Temperature Rising VS
Current
30 °C Max. under loaded
rating current.
Measure temperature rising by
energized current.
環
境
的
性
能
Environmental Requirements
3.5.6
耐湿性(定常状態)
総合抵抗(ローレベル)
20mΩ最大(試験後)
絶縁抵抗:100MΩ以上(終期値)
嵌合したコネクタを相対湿度90
~95%、温度40±2℃の定常状態
に500時間さらすこと。
MIL-STD202、試験法103,条件C
3.5.6
Humidity, Steady State
Termination Resistance
(Low Level)(Final)
20 mΩ max.
Insulation Resistance(Final)
100MΩ max.
Subject mated connetors to
steady state humidity at 40℃
and 90-95% R.H. for 500 hours.
MIL-STD-202, METHOD 103,
Condition C.
3.5.7
耐熱性
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
嵌合したコネクタを温度85±2°C
の試験環境下に500時間さらすこ
と。
MIL-STD-202、試験法108条件C
3.5.7
Heat Resistivity
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Subject mated connectors to
heat resistivity at 85±2°Cfor
500 hours,per
MIL-STD-202,METHOD 108,
Condition C
3.5.8
熱衝撃
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
嵌合したコネクタを
-55 °C / 30 分、+85 °C / 30 分
を 1 サイクルとし、25サイクル
さらすこと。
MIL-STD-202、試験法107条件A-1
3.5.8
Thermal Shock
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Subject mated connectors to 25
cycles between -55°C and +85 °C
for 30 minutes each.
MIL-STD-202,METHOD 107,
Condition A-1
Fig.2 (続き)
Fig.2(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com