Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP118 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MP118
Description  Power Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP118 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MP118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP118 • MP118A
2
MP118U
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +VS to -VS
200
V
SUPPLY VOLTAGE, +VB
(Note 4, 6)
+VS +15
V
SUPPLY VOLTAGE, -VB
(Note 4, 6)
-VS -15
V
OUTPUT CURRENT, peak, within SOA
12
A
POWER DISSIPATION, internal, DC
100
W
INPUT VOLTAGE
+VB to -VB
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE, storage
-40
+105
°C
OPERATING TEMPERATURE RANGE, case
-40
+100
°C
SD, RESET Signal
-0.3
5.5
V
MP118
MP118A
Parameter
Test Conditions (Note 1) Min
Typ
Max
Min
Typ
Max Units
OFFSET VOLTAGE
Full temp range
1
5
*
3
mV
OFFSET VOLTAGE, vs. temperature
50
*
µV/ °C
OFFSET VOLTAGE, vs. supply
20
*
µV/V
BIAS CURRENT, initial
(Note 3)
100
70
pA
BIAS CURRENT, vs. supply
0.1
*
pA/V
OFFSET CURRENT, initial
50
30
pA
INPUT RESISTANCE, DC
1011
*
Ω
INPUT CAPACITANCE
4
*
pF
COMMON MODE VOLTAGE RANGE
+VB -15
*
V
COMMON MODE VOLTAGE RANGE
-VB +15
*
V
COMMON MODE REJECTION, DC
92
*
dB
NOISE
20 kHz BW, Rs = 1kΩ
2
*
µV RMS
INPUT
MP118
MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Min
Typ
Max
Units
OPEN LOOP, 15 Hz
RL = 10kΩ CC =10pF
96
120
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1 MHz CC = 10pF
56
*
MHz
PHASE MARGIN
FULL temp range, CC=150pF
45
60
*
*
degrees
GAIN
MP118
MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Min
Typ
Max
Units
VOLTAGE
±15
±75
±100
*
*
*
V
CURRENT, quiescent
25
30
*
27
mA
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com