Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP118 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MP118
Description  Power Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP118 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MP118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP118 • MP118A
MP118U
7
INTEGRATED SHUT-DOWN FEATURE
MP118 includes a latching shut-down circuit that allows turning off the output stage by any of the following condi-
tions:
1. MP118 detects an over-temperature condition (see section “Temperature Protection”)
2. MP118 detects an over-current condition (see section “Over-Current Shut-Down Protection”)
3. The external shut-down pin 9 (SD) is active low.
The latching shut-down can be reset by applying a RESET pulse (raising edge) on the RESET pin 10.
Note: If the RESET pulse is applied while one the shut-down conditions still exists (over-temperature or
(SD) active low), the RESET pulse is ignored and the MP118 will remain turned off.
TEMPERATURE PROTECTION
The temperature sensor will shut-down the MP118 once it detects a temperature at or above 100°C. The tempera-
ture protection includes a hysteresis to ensure the proper cooling down of the system.
Note: The system will remain shut-down while the over-temperature condition exists. If the RESET pulse
is applied while an over-temperature condition exists, the pulse is ignored and the MP118 will remain
turned off.
EXTERNAL SHUT-DOWN SIGNAL
MP118 can be shut-down also by applying a low signal to the (SD) pin. The signal (SD) needs to be high impedance
when not active, and pulled to GND level when active.
Note:
1. If monitored, a logic 0 at the (SD) output indicates the part is in thermal shutdown.
2. If (SD) goes from logic 0 to 1, then it has traversed the hysteresis window and is now ready for a RESET
OVER-CURRENT SHUT-DOWN PROTECTION
Two current sense lines are to be connected directly across the current
sense resistor. For the over-current protection to work correctly, pin 28
must be connected to the amplifier output side and pin 27 connected
to the load side of the current sense resistor RLIM as shown in Figure
6. This connection will bypass any parasitic resistances RP, formed by
socket and solder joints as well as internal amplifier losses. The current
sense resistor may not be placed anywhere in the output circuit except
where shown in the figure. The value of the current sense resistor can
be calculated as follows: RLIM = 0.65V/ISD
BOOST OPERATION
With the boost feature the small signal stages of the amplifier are operated at higher supply voltages than the ampli-
fier’s high current output stage. +VB (pins 4, 8) and -VB (pins 25, 30) are connected to the small signal stages and
+VS (pins 14-16) and -VS (pins 17-19) are connected to the high current output stage. An additional 10V on the +VB
and -VB pins is sufficient to allow the small signal stages to drive the output stage into the triode region and improve
the output voltage swing for extra efficient operation when required.
When the boost feature is not needed, +VS and -VS are connected to the +VB and -VB pins respectively. The +VB
and -VB pins must not be operated at supply voltages less than +VS and -VS respectively.
34
OUT
11-13
20-22
33
I
SD-
I
SD+
27
28
R
P
R
L
IN
R
F
R
LIM
R
IN
Figure 6: Over-current Protection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com