Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP118 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MP118
Description  Power Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP118 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MP118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP118 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP118 • MP118A
MP118U
3
MP118
MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Min
Typ
Max
Units
VOLTAGE SWING
IO = 10A
+VS - 10 +VS - 8.6
*
*
V
VOLTAGE SWING
IO = -10A
-VS + 10
-VS + 7
*
*
V
VOLTAGE SWING
IO = 10A, +VB = +VS +10V
+VS - 1.6
*
V
VOLTAGE SWING
IO = -10A, -VB = -VS -10V
-VS + 5.1
*
V
CURRENT, CONTINUOUS, DC
10
11
A
SLEW RATE, A V = -20
CC = 10pF
65
*
V/µs
SETTLING TIME to 0.1%
2V step
0.55
*
µs
RESISTANCE
No load, DC
5
*
Ω
POWER BANDWIDTH 180VP-P CC = 10pF, +VS = 100V, -VS
= -100V
140
*
kHz
MP118/MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Units
RESISTANCE, AC, junction to case
(Note 5) Full temp range, F≥60 Hz
1
°C/W
RESISTANCE, DC, junction to case
Full temp range, F<60 Hz
1.25
°C/W
RESISTANCE, junction to air
Full temp range
13
°C/W
TEMPERATURE RANGE, case
-40
+85
°C
MP118/MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Units
Temp Sensor Output Voltage, VTEMP
TC = 25°C
2.298
V
Temp Sensor Gain
-13.6
mV/°C
Temperature Accuracy
TC = -40°C to +85°C
± 2.2
°C
MP118/MP118A
Parameter
Test Conditions (Note 1)
Min
Typ
Max
Units
Thermal System Shut-down, TSD
100
°C
Thermal Shut-down Hysteresis
8
°C
Shut-down voltage (+ISD to -ISD)
± 0.65V
V
SD Active Level
(Note 8)
0
0.2
V
SD Active Minimum Pulse width
1
µs
RESET High Level
(Note 7)
4.5
5.5
V
RESET Low Level
(Note 7)
0
0.2
V
NOTES:
* The specification of MP118A is identical to the specification for the MP118 in the applicable column to the left
1. Unless otherwise noted: TC = 25°C, CC = 100pF. DC input specifications are value given. Power supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. Doubles for every 10°C of case temperature increase.
4. +VS and -VS denote the positive and negative supply voltages to the output stage. +VB and -VB denote the positive and negative
supply voltages to the input stages.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. Power supply voltages +VB and -VB must not be less than +VS and -VS respectively.
7. The RESET signal is edge sensitive. A transition from low to high level triggers the MP118 shut-down function.
8. The SD signal needs to be an “open drain” signal, meaning that it is “high impedance” when not active low.
OUTPUT
THERMAL
TEMPERATURE SENSOR
SYSTEM PROTECTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com