Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S39421 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 4Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 10Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 11Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
S39421
2024 9.0 8/8/00
DEVICE OPERATION
Power-Up Sequence
A sequencing operation is initiated by the physical inser-
tion of the card into the platform’s connector. The
S39421’s VCC5 pin should be connected to the early
power pins of the connector. As soon as power is applied,
the S39421 will drive the reset outputs active and clamp
the VGATE outputs to ground.
Proper card insertion is insured by detecting the presence
of a low level on the pin detect (PND1, PND2) inputs,
which should be located on opposite ends of the bus
connector. These pin detect inputs have internal pull-up
resistors and the connection on the host platform side
must be connected directly to ground. [In a
CompactPCI
application these are the BD_SEL# signals]. The PND
inputs have an internal noise filter nominally set at 150ms.
Once the proper card insertion has been detected, the
S39421 will check the status of the HST_PWR signal from
the host.
Implementation of HST_PWR is optional; e.g. it can be
used to power down individual cards on the bus via
software control. If it is not used by the host system the
input must be held high in order for the S39421 to enable
power sequencing to the card.
Once these basic conditions are met the S39421 will
begin the power-up portion of the sequence. First, the
host platform supplies are checked for compliance.
Based on the state of the VSEL input the S39421 will
monitor the +5V and +3.3V supplies. If these are above
the VTRIP thresholds the sequencing next begins the
backend logic power-on operation.
The S39421 will drive the VGATE3 and VGATE5 outputs
to the 12V rail to turn on the external 3 volt and 5 volt power
FETs. The slew rate of these outputs defaults to 250V/s.
Different slew rates can be accommodated by either
adding an additional capacitor between the FET gate and
ground or by injecting current into the ISLEW input.
RESET CONTROL
In order to provide positive control to an add-in-card’s
bakckend logic, the reset control function of the S39421
begins operation as soon as a voltage is applied to VCC5.
The conditions that affect the reset outputs are the VCC5,
VCC3, CARD_5V and CARD_3V input levels and the
state of the HST_RST input.
Assume HST_RST has been released and is pulled high.
The S39421 reset ouputs will be valid as long as VCC5
is • 1V. If any one of VCC5, VCC3, CARD_5V or
CARD_3V input levels is below its respective Vtrip level
the reset outputs and CARD_V_VLD output will be driven
active. (In the case of the CARD_V_VLD output, the
active condition is low but its logical true condition is a
release of its open drain output pulled high by an external
pull-up) As soon as the VCC5, VCC3, CARD_5V and
CARD_3V inputs are above their Vtrip levels
CARD_V_VLD will be released and the internal tPURST
timer will be started. The reset outputs will be held active
until tPURST has expired and then be released.
The HST_RST input is also used to control the reset
outputs. A high to low transition on HST_RST will initiate
a reset cycle with a duration of tPURST. The reset outputs
will remain active for a minimum period tPURST or for the
duration of HST_RST active low, whichever is longer. A
HST_RST activated reset will not affect the power se-
quencing logic.
During normal operation, the supply voltages are continu-
ously monitored. If the cardside supplies fall below the
VTRIP levels the reset outputs will be driven active. If the
host platform supplies fall below VTRIP, the S39421 will
immediately assert the reset outputs and disable the
highside drivers.
Power Configurations
The S39421 can be used in 5V-only, 3.3V-only and mixed
voltage systems. For mixed voltage systems, simply
connect the appropriate bus and card power inputs as
indicated. The VSEL pin should be grounded.
For systems with a single power supply, connect VCC5
and VCC3 together to the platform host early power line
(long pin power supply). Also connect CARD5V and
CARD3V together to the cardside power output of the
FET.
The state of VSEL determines the reset level that will be
used to signal CARD_V_VLD. For 3.3V systems, tie
VSEL to the supply; for 5V systems, tie VSEL to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com