Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S39421 Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 18Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 19Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 20Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 21Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 22Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 23Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 24Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 25Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 26Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
S39421
2024 9.0 8/8/00
The board’s pins should now be mated with the backplane
connector which in turn will bring the host LI/I* and
RESET* signals to the S39421. These signals should be
tied to the device’s HST_PWR and HST_RST inputs
respectively. Whenever HST_PWR is low the outputs
controlling the backend power on sequencing will be
inhibited; it does not impact the reset outputs or reset
timer. When low, the HST_RST input will force the reset
outputs active; once it is released the reset timer will be
started and it will keep the reset outputs active for tPURST.
At the same time the signal pins are making contact, the
backend voltages are applied to the card (3.3V, 5V, +12V
and -12V on short pins), but, they are blocked by FETs
under the control of the S39421 (see figure 3 ). Depending
upon the state of the VSEL pin, the S39421 will monitor
either the bussed +5V only, the bussed +3.3V only or both
the bussed +5V and +3.3V. Once the S39421 has deter-
mined these supply voltages are at or above Vtrip, (and LI/
I* has released HST_PWR) it will release the VGATE
outputs and effectively turn them on at a rate equivalent
to 250V/second. At the same time it will force DRVREN
active thus providing power to the backend circuits.
FIGURE 25: GENERAL BLOCK DIAGRAM OF S39421 HOST BUS INTERFACE AND BACKEND SIGNAL INTERFACE
VGATE3
VGATE5
DRVREN
RESET
RESET
PND1
Gnd
Gnd
Vpc
Vpc
SGNL_VLD
HST_RST
HST_PWR
CARD3V
CARD5V
LI/O*
IL/I*
RESET*
Backend
Power Circuits
See Figure
Backend Voltage
to S39421
Monitor Circuits
Reset Control
of Backend
Circuits
Ejector Switch
Circuit
S39421
System
Vcc
VCC5
2024 ILL28.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com