Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S39421 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  S39421 Datasheet HTML 1Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 2Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 3Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 4Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
© SUMMIT MICROELECTRONICS, Inc. 1999
2024 9.0 8/8/00
Characteristics subject to change without notice
SUMMIT
MICROELECTRONICS, Inc.
SUMMIT MICROELECTRONICS, Inc.
•
300 Orchard City Drive, Suite 131
•
Campbell, CA 95008
•
Telephone 408-378-6461
•
Fax 408-378-6586
•
www.summitmicro.com
FEATURES
•
Full Voltage Control for Hot Swap Applications
– Card Insertion Detection
– Platform Voltage Detection
– Card Voltage Sequencing
– 5 Volt, 12 Volt and 3.3 Volt
•
12 Volt FET Enable Outputs
– Allows use of Low On-resistance N-Channel
FETS
•
Card Reset Generation Based on Out of Spec
Voltages
– Host Reset
•
Programmable Slew Rate Control [250V/Sec
Default Rate]
•
Supports 5 Volt, 3.3 Volt and Mixed Voltage
Cards
•
Integrated 1K Bit E2PROM Memory
•
Data Download™ Mode [Simplifies
Downloading of Configuration Memory into
Interface ASIC or MCU]
Hot Swap Voltage Controller
S39421
DESCRIPTION
The S39421 is a fully integrated hot swap controller
intended for use on add-in cards that may be inserted into
or removed from powered-on host platforms. The S39421
performs a variety of tasks starting with the validation of
proper card insertion and the presence of “in-spec” volt-
ages at the host platform interface.
Once power is switched on, the S39421 continues to
monitor the back-end power to the add-in card and the
host power supply. If either the 5V or 3.3V supplies drop
below Vtrip the S39421 will immediately assert the RE-
SET outputs and power-down the add-in card.
In addition to the power control for the add-in card, the
S39421 provides status signals that can be employed by
the host and for the control of bus interface components.
The on board E2PROM can be used as configuration
memory for the individual card or as general purpose
memory. The proprietary DataDownload mode provides
a more direct interface to the E2PROM for simplified
access by the add-in card’s controller or ASIC.
FUNCTIONAL BLOCK DIAGRAM
+
+
-
-
EEPROM
Memory
Array
Slew Rate
Control
VGATE3
VGATE5
CS
SK
DI
DO
CARD_3V
CARD_5V
+
-
+
-
ISLEW
PND1
PND2
DRVREN
SGNL_VLD
RESET
RESET
VCC5
VCC3
DD
Filter
RESET
Timer
Sequencing
Logic
2024 ILL2.1
CARD_V_VLD
ASSOCIATE
MEMBER


Similar Part No. - S39421

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S39 NKK-S39 Datasheet
447Kb / 10P
Medium/High Capacity Standard Size Toggles
S39 NKK-S39 Datasheet
812Kb / 11P
GENERAL SPECIFICATIONS FOR S301 ~ S339
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
NMOS Linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
245Kb / 6P
NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
S3901 HAMAMATSU-S3901 Datasheet
196Kb / 4P
NMOS linear image sensor
More results

Similar Description - S39421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
277Kb / 24P
Ultralow Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com