Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4560VJD Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 25Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 26Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 27Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 28Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 29Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 30Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 31Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 32Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
3.0 Register Description (Continued)
CVOL — Chorus Send Linear Volume (7 bit)
Bit[31:28] (SIN) Sine wave value.
Bit[27] (SIN_S) sign bit of sine wave.
0: positive
1: negative
Bit[26] (SIN_D) SIN counter direction bit.
0: up
1: down
Bit[25:24] (LFO_R) LFO counter clock rate select bits.
00: 48 kHz
01: 48 kHz/4
10: 48 kHz/16
11: 48 kHz/64
Bit[23:16] (LFO_CT) LFO working counter.
Bit[15:14] (FMC) FM modulation control bits.
00: FMA = (FMS * SIN) >> 3
01: FMA = (FMS * SIN) >> 2
10: FMA = (FMS * SIN) >> 1
11: FMA = (FMS * SIN) >> 0
Bit[13:7] (RVOL) Reverb Send Linear Volume
format: 1.6, 7Fh stands for 2x gain, 40h stands for no gain no
attenuation, 00h stands for mute.
Bit[6:0] (CVOL) Chorus Send Linear Volume
format: 1.6, 7Fh stands for 2x gain, 40h stands for no gain no
attenuation, 00h stands for mute.
3.4.9.28 ECh_B (Bank B ATTRIBUTE & FMC & RVOL &
CVOL) (Bank B Only)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + ECh (index mode) || Audio MEM
Base + 80Ch + 20h*CIR (direct access mode,
CIR: channel index) (CIR
≥32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: FMC — Per Channel FM control (2 bit)
RVOL — Reverb Send Linear Volume (7 bit)
CVOL — Chorus Send Linear Volume (7 bit)
Bit[31:19] (ATTRIBUTE) Channel attribute
Bit[31:30] PB/REC Select
00 (Normal PB) Normal playback
This is a normal playback channel in Bank B with Global Vol-
ume, Channel Volume, PAN, SRC, FM/AM features. In this
case, bit[29:19] doesn’t matter.
01 (Special PB) Special playback
This channel can be one of several kinds of special playback
channels. Bit[29:26] is used to select special playback type;
bit[24:25] is used to select data flow from channel to FIFO;
and bit[23:19] is used to enable/disable individual functions.
10 (REC) Recording to system memory
This channel can be one of several kinds of recording chan-
nels. Bit[29:26] is used to select recording type; bit[25:24] is
used to control how MONO sample is generated when re-
cording; bit[23] is used to enable/disable SRC; bit[22:19]
doesn’t matter.
11 (REC_PB) Recording to system memory and playback to
mixer
This channel is a Recording channel which records sample
data to system memory and playback to Main Mixer in the
mean time. In this case, bit[29:26] is used to select recording
type; bit[25:24] is used to control how MONO sample is gen-
erated when recording; and bit[23:19] is used to enable/
disable individual functions.
Bit[29:26] Channel Type Select
when Bit[31:30] is 00: (Normal PB)
xxxx reserved
when Bit[31:30] = 01: (Special PB)
0000 playback to MODEM LINE1 Output FIFO
0001 playback to MODEM LINE2 Output FIFO
0010 playback to PCM L/R Output FIFO
0011 playback to HSET Output FIFO
0100 playback to I2S L/R Output Buffer
0101 playback to CENTER/LFE Output FIFO
0110 playback to SURR L/R Output FIFO
0111 playback to SPDIF L/R Output FIFO
other reserved
when Bit[31:30] = 1x: (REC or REC_PB)
0000 recording from MODEM LINE1 Input FIFO 0001
recording from MODEM LINE2 Input FIFO
0010 recording from PCM L/R Input FIFO
0011 recording from HSET Input FIFO
0100 recording from I2S L/R Input FIFO
0101 recording from MIC Input FIFO
0110 main mixer capture from PCM L/R Output FIFO
0111 main mixer capture from MMC L/R Output Buffer
1000 Reverb Send
1001 Chorus Send
other reserved
BIT[25:24]Special Playback Channel to FIFO data flow se-
lect / Recording to MONO control
When channel is in Special PB mode, this register is used to
select input source of a stereo playback slot pairs such as
PCM L/R, SURR L/R, CENTER/LFE, I2S L/R and SPDIF
L/R. The input source of L/R can be from one channel or can
be from two independent channels.
When channel is in REC or REC_PB mode, this register is
used to control how MONO sample is generated.
when Bit[31:30] = 00 (Normal PB)
xx never used
when Bit[31:30] = 01 (Special PB)
00 Channel L/R to FIFO L/R
In this case, channel is acting as a stereo channel, data flow
is like
Channel Left → FIFO Left
Channel Right → FIFO Right
01 Channel L to FIFO L
Data flow:
Channel Left → FIFO Left
10 Channel R to FIFO R
Data flow:
Channel Right → FIFO Right
11 reserved
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com