Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4560VJD Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 44Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 45Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 46Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 47Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 48Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 49Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 50Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 51Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
4.0 Functional Description (Continued)
Read/Write
Bit 7..3 32 level external line left volume
Bit 2..0 reserved
0
mute
31
0 dB (maximum volume)
MX39 External Line Right Volume
Default 00h
Read/Write
Bit 7..3 32 level external line right volume
Bit 2..0 reserved
0
mute
31
0 dB (maximum volume)
MX3A Microphone Volume
Default 00h
Read/Write
Bit 7..3 32 level microphone volume
Bit 2..0 reserved
0
mute
31
0 dB (maximum volume)
MX3B PC Speaker/Mono Input Volume
Default 00h
Read/Write
Bit 7,6
4 level PC Speaker/Mono input volume
Bit 5..0 reserved
0
mute
3
0 dB (maximum volume)
MX3C Output Mixer Control
Default 1Fh
Read/Write
Bit 7..5 reserved
Bit 4
external line left enable
Bit 3
external line right enable
Bit 2
CD-Audio left enable
Bit 1
CD-Audio right enable
Bit 0
microphone enable
0
mute
1
enable audio output
MX3D Input Mixer Left Control
Default 15h
Read/Write
Bit 7 reserved
Bit 6 music left enable
Bit 5 dummy read/write bit
Bit 4 external line left enable
Bit 3 dummy read/write bit
Bit 2 CD-Audio left enable
Bit 1 dummy read/write bit
Bit 0 microphone enable
0
mute
1
enable audio input
MX3E Input Mixer Right Control
Default 0Bh
Read/Write
Bit 7 reserved
Bit 6 dummy read/write bit
Bit 5 music right enable
Bit 4 dummy read/write bit
Bit 3 external line right enable
Bit 2 dummy read/write bit
Bit 1 CD-Audio right enable
Bit 0 microphone enable
0
mute
1
enable audio input
MX3F Input Left Mixer Gain
Default 00h
Read/Write
Bit 7,6
input left mixer gain control
Bit 5..0
reserved
Bit 7
Bit 6
0
0
gain = 1
0
1
gain = 2
1
0
gain = 4
1
1
gain = 8
MX40 Input Right Mixer Gain
Default 00h
Read/Write
Bit 7,6
input right mixer gain control
Bit 5..0 reserved
Bit 7
Bit 6
0
0
gain = 1
0
1
gain = 2
1
0
gain = 4
1
1
gain = 8
MX41 Output Left Mixer Gain
Default 00h
Read/Write
Bit 7,6
4 level output left mixer gain
Bit 5..0 reserved
Bit 7
Bit 6
0
0
gain = 1
0
1
gain = 2
1
0
gain = 4
1
1
gain = 8
MX42 Output Right Mixer Gain
Default 00h
Read/Write
Bit 7,6
4 level output right mixer gain
Bit 5..0 reserved
Bit 7
Bit 6
0
0
gain = 1
0
1
gain = 2
1
0
gain = 4
1
1
gain = 8
MX43 Microphone Automatic Gain Control (AGC)
Default 00h
www.national.com
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com