Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4560VJD Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 46Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 47Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 48Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 49Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 50Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 51Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 52Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 53Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
7.4.1 Timing Table (Continued)
T
A = 0˚C to 70˚C, Vdd = 3.3V ±5%,VSS =0V
Symbol
Parameter
Min
Max
Units
PCI Reset
Trst_low
RST# low time after power stable
1
ms
Trst_clk
RST# low time after PCICLK stable
100
µs
AC’97 Reset (Cold and Warm)
Trst_low
ACRST_low time
1
µs
Trst2clk
ACRST_ inactive to ACCCLK
starts
162.8
ns
Tsync_high
ACSYNC high time
1
µs
Tsync2clk
ACSYNC_ inactive to ACCCLK
starts
162.8
ns
7.4.2 PCI Signals
PCI Inputs: AD31:0, CBE#3:0, FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, IDSEL#, PAR, GNT#
PCI Outputs: AD31:0, CBE#3:0, FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, IDSEL#, PAR, REQ#, INTA#
Point-to-Point Signals: REQ#, GNT#
Symbol
Parameter
Condition
Min
Max
Units
Tval_bus
CLK to PCI output Valid Delay_
bussed signals
211
ns
Tval_ptp
CLK to PCI output Valid Delay_
point to point signals
212
ns
Ton
PCI Output float to active
2
ns
Toff
PCI Output active to float
28
ns
AD0:31
bus
PCI Input set up time to CLK_
bussed signals
9ns
Tsu
GNT
PCI Input set up time to
CLK_GNT#
12
ns
Tsu
REQ
PCI Input set up time to
CLK_REQ#
12
ns
Th
PCI Input hold time from CLK
0
ns
AC’97 Signals
Tsetup
Setup from edge of ACCLK
10
ns
Thold
Hold from edge of ACCLK
10
ns
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com