Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8944B Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 87Page - Cirrus Logic WM8944B Datasheet HTML 88Page - Cirrus Logic WM8944B Datasheet HTML 89Page - Cirrus Logic WM8944B Datasheet HTML 90Page - Cirrus Logic WM8944B Datasheet HTML 91Page - Cirrus Logic WM8944B Datasheet HTML 92Page - Cirrus Logic WM8944B Datasheet HTML 93Page - Cirrus Logic WM8944B Datasheet HTML 94Page - Cirrus Logic WM8944B Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
WM8944B
Rev 4.3
91
CONTROL INTERFACE
The WM8944B is controlled by writing to its control registers. Readback is available for all registers.
The Control Interface can operate as either a 2- or 3-wire interface:
2-wire (I2C) mode uses pins SCLK and SDA
3-wire (SPI) mode uses pins CS
¯¯ , SCLK and SDA
Readback is provided on the bi-directional pin SDA in 2-/3-wire modes.
The device address in 2-wire (I2C) mode is 34h.
The WM8944B uses 15-bit register addresses and 16-bit data in all Control Interface modes.
SELECTION OF CONTROL INTERFACE MODE
The WM8944B Control Interface can be configured for I2C mode or SPI modes using the
CIFMODE/GPIO2 pin at power-up. The mode selection is as described in Table 65.
CIFMODE/GPIO2
INTERFACE FORMAT
Low
2-wire
High
3-wire
Table 64 Control Interface Mode Selection
After the Control Interface Mode has been configured, the MODE_GPIO register bit should be set in
order to latch the selection and to allow GPIO functions to be supported on the CIFMODE/GPIO2 pin.
After the MODE_GPIO register bit has been set, the Control Interface mode selection will remain
latched until a Software Reset or Power On Reset occurs. See “General Purpose Input / Output” for
details.
In 2-wire (I2C) Control Interface mode, Auto-Increment mode may be selected. This enables multiple
write and multiple read operations to be scheduled faster than is possible with single register
operations. The auto-increment option is enabled when the AUTO_INC register bit is set. This bit is
defined in Table 65. Auto-increment is enabled by default.
In 3-wire (SPI) Control Interface mode, register readback is provided using the bi-directional pin SDA.
When the SDA pin is an output, it may be configured as CMOS or as Open Drain using the SPI_OD
bit. An external pull-up resistor is required if using the Open Drain output.
The Control Interface configuration bits are described in Table 65.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Control
Interface
2
SPI_OD
0
SDA pin output configuration
0 = SDA output is CMOS
1 = SDA output is Open-Drain
0
AUTO_INC
1
Enables address auto-increment
(applies to 2-wire / I2C mode only)
0 = Disabled
1 = Enabled
Table 65 Control Interface Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com