Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8944B Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 29Page - Cirrus Logic WM8944B Datasheet HTML 30Page - Cirrus Logic WM8944B Datasheet HTML 31Page - Cirrus Logic WM8944B Datasheet HTML 32Page - Cirrus Logic WM8944B Datasheet HTML 33Page - Cirrus Logic WM8944B Datasheet HTML 34Page - Cirrus Logic WM8944B Datasheet HTML 35Page - Cirrus Logic WM8944B Datasheet HTML 36Page - Cirrus Logic WM8944B Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 165 page
background image
WM8944B
Rev 4.3
33
3D SURROUND
3D surround
5-notch filter
DF1 filter
L/HPF
Signal Enhancement Block 1 (SE1)
The 3D-stereo surround effect is part of the SE1 block. This function uses time delays and controlled
cross-talk mechanisms to adjust the depth or width of the stereo audio. The 3D-stereo surround effect
includes programmable high-pass or low-pass filtering to limit the 3D effect to specific frequency
bands if required. The structure of the 3D surround processing is illustrated in Figure 13.
HPF
LPF
bypass
HPF
LPF
bypass
z
-n
z
-n
+
+
L
R
forward_l
forward_r
cross_r
cross_l
Figure 13 3D Surround Processing
The 3D surround depth is programmable; the default setting is OFF. The 3D surround processing can
also be configured to create a mono mix of the Left and Right channels in the ADC path.
Note that the 3D surround processing can only be used with the stereo digital microphone in the ADC
path.
The 3D enhancement is enabled on the left and right channels using the SE1_3D_L_ENA and
SE1_3D_R_ENA register bits defined in Table 13. (Note that these bits can be enabled independently
of each other.)
The 3D enhancement coefficients are programmed in registers R68 to R70. For the derivation of
these registers, refer to the configuration tools supplied with the WM8944B Evaluation Kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com