Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8944B Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 31Page - Cirrus Logic WM8944B Datasheet HTML 32Page - Cirrus Logic WM8944B Datasheet HTML 33Page - Cirrus Logic WM8944B Datasheet HTML 34Page - Cirrus Logic WM8944B Datasheet HTML 35Page - Cirrus Logic WM8944B Datasheet HTML 36Page - Cirrus Logic WM8944B Datasheet HTML 37Page - Cirrus Logic WM8944B Datasheet HTML 38Page - Cirrus Logic WM8944B Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 165 page
background image
WM8944B
Rev 4.3
35
DF1 FILTER
3D surround
5-notch filter
DF1 filter
L/HPF
Signal Enhancement Block 1 (SE1)
The DF1 filter is part of the SE1 block. This provides a direct-form 1 standard filter, as illustrated in
Figure 15. The default coefficients give a transparent filter response.
+
+
z
-1
z
-1
c1
c2
c3
y
x
Figure 15 Direct-Form 1 Standard Filter Structure
The DF1 response is defined by the following equations:
1
3
1
2
1
3
2
1
1
]
1
[
]
1
[
]
[
]
[
z
c
z
c
c
x
y
H
n
y
c
n
x
c
n
x
c
n
y
The DF1 filters are enabled using the SE1_DF1_L_ENA and SE1_DF1_R_ENA registers bit defined
in Table 13.
The DF1 filter coefficients are programmed in registers R92 to R98. For the derivation of these
registers, refer to the configuration tools supplied with the WM8944B Evaluation Kit.
The DF1 filter can be used to implement very complex response patterns, with specific phase and
gain responses at different frequencies. Typical applications of this type of filter include the application
of refinements or compensations to other user-selected filters.
HPF
ReTuneTM
5-band EQ
Signal Enhancement Block 2 (SE2)
HPF
The High Pass Filter (HPF) is part of the SE2 block. The HPF cut-off frequency is fixed at 3.7Hz,
suitable for removing DC offsets in the record or playback path.
The filters are enabled using the SE2_HPF_L_ENA and SE2_HPF_R_ENA register bits defined in
Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com