Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4831 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4831
Description  Multimedia Computer Audio Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4831 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4831 Datasheet HTML 1Page - National Semiconductor (TI) LM4831 Datasheet HTML 2Page - National Semiconductor (TI) LM4831 Datasheet HTML 3Page - National Semiconductor (TI) LM4831 Datasheet HTML 4Page - National Semiconductor (TI) LM4831 Datasheet HTML 5Page - National Semiconductor (TI) LM4831 Datasheet HTML 6Page - National Semiconductor (TI) LM4831 Datasheet HTML 7Page - National Semiconductor (TI) LM4831 Datasheet HTML 8Page - National Semiconductor (TI) LM4831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
(Notes 1, 2) The following specifications apply for V
DD = 5V, RL =8Ω andf=1 kHz, unless otherwise specified. Distortion
measurements represent the full audio chain from Input A of each channel to their respective output. Limits apply for
T
A = 25˚C.
Symbol
Parameter
Conditions
LM4831
Units
(Limits)
Typical
(Note
6)
Limit
(Note
7)
Microphone Amplifier
THD
Total Harmonic Distortion
R
L =10kΩ,VIN =1VRMS
0.15
%
E
Noise
Input Referred Noise
A-−weighted Filter
10
18
µV (max)
X
TALK
Crosstalk
Amplifier Bridged Output, f = 1kHz,
P
O = 1W, RL-mic = 20kΩ
95
dB
Other Audio Characteristics
THD
Total Harmonic Distortion
R
L =20kΩ,VIN =1VRMS
Line Out
0.15
0.5
% (max)
Equalizer Out
0.01
%
E
Noise
Input Referred Noise
A-weighted filter, Line Out
20
100
µV (max)
A
V
Channel Path Gain
Line Out
±0.1
±0.7
dB (max)
Equalizer Out
±0.1
±0.6
dB (max)
MUX Out
−0.25
−0.85,
+0.3
dB
E
T
Stereo Tracking Error
Line Out
±0.1
±0.5
dB (max)
Digital Inputs and Outputs
V
IL
Input Low Voltage
1.0
V (max)
V
IH
Input High Voltage
4.0
V (min)
V
OL
Output Low Voltage
0.5
V (max)
V
OH
Output High Voltage
3.5
V (min)
Note 1: All voltages are measured with respect to the ground pins, 12, 17, 20, and 44, unless otherwise specified.
Note 2:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA. For the LM4831, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 62˚C/W assuming the VEF44A package.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Digital Inputs Pin Truth Table
Pin Name
LM4831 State
PWRDWN
HPIN
DSIN
0
0
0
Bridged Outputs Active
Equalizer In/Out Active
0
0
1
Line-Outs Active
0
1
X(Note 8)
Single-Ended Outputs Active
1
X
X
Shutdown
Note 8: “X” means that the state of that pin does not matter in that particular input combination.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com