Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4831 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4831
Description  Multimedia Computer Audio Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4831 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4831 Datasheet HTML 1Page - National Semiconductor (TI) LM4831 Datasheet HTML 2Page - National Semiconductor (TI) LM4831 Datasheet HTML 3Page - National Semiconductor (TI) LM4831 Datasheet HTML 4Page - National Semiconductor (TI) LM4831 Datasheet HTML 5Page - National Semiconductor (TI) LM4831 Datasheet HTML 6Page - National Semiconductor (TI) LM4831 Datasheet HTML 7Page - National Semiconductor (TI) LM4831 Datasheet HTML 8Page - National Semiconductor (TI) LM4831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4831
Multimedia Computer Audio Chip
General Description
The LM4831 is a monolithic integrated circuit that provides a
stereo three input mixer, two stereo input analog multiplexer,
a stereo line out and a dual 1W bridged audio power ampli-
fier. In addition, a low noise microphone preamp is included
on-chip.
The LM4831 is ideal for multimedia computers since it incor-
porates an input mixer, analog multiplexer, and configurable
stereo audio power amplifier, as well as a microphone
preamp stage. This combination allows for all of the analog
audio processing to be enclosed in a 44-pin TQFP package.
The LM4831 features an externally controlled, low-power
consumption shutdown mode, as well as both headphone
and docking station modes. To temporarily override the shut-
down mode and allow audio signals to be amplified, the
LM4831 provides four “beep” pins.
Key Specifications
n THD+N at 1W into 8
Ω
0.6% (typ)
n
Microphone Input Referred Noise
10µV (typ)
n Supply Current - Bridged Mode
16mA (typ)
n Shutdown Current
2µA (typ)
Features
n Stereo 1W audio power amplifier
n “Click and pop” suppression circuitry
n Stereo three input mixer
n Shutdown mode
n Multiple operating modes — bridged, single-ended and
docking station modes
n Internal mux for switching in/out external filter
n Beep circuitry for “wake-up” while in shutdown
n 44 Pin TQFP Packaging
Applications
n Portable and Desktop Computers
Block Diagram
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS100057-1
FIGURE 1. LM4831 Block Diagram
DS100057-3
Top View
Order Number LM4831VF
See NS Package Number VEJ44A
November 1998
© 1998 National Semiconductor Corporation
DS100057
www.national.com


Similar Part No. - LM4831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI-LM48310 Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI2-LM48310 Datasheet
1Mb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
REVISED MAY 2013
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4831

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Integrated Circuit Syst...
ICS9120-08 ICST-ICS9120-08 Datasheet
106Kb / 7P
Frequency Generator for Multimedia Audio Synthesis
Rev C 052297
ICS9120-11 ICST-ICS9120-11 Datasheet
79Kb / 5P
Frequency Generator for Multimedia Audio Synthesis
Rev B 012197
logo
YAMAHA CORPORATION
YMZ263B YAMAHA-YMZ263B Datasheet
932Kb / 18P
MULTIMEDIA AUDIO GAME INTERFACE CONTROLLER
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com