Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4831 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4831
Description  Multimedia Computer Audio Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4831 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4831 Datasheet HTML 3Page - National Semiconductor (TI) LM4831 Datasheet HTML 4Page - National Semiconductor (TI) LM4831 Datasheet HTML 5Page - National Semiconductor (TI) LM4831 Datasheet HTML 6Page - National Semiconductor (TI) LM4831 Datasheet HTML 7Page - National Semiconductor (TI) LM4831 Datasheet HTML 8Page - National Semiconductor (TI) LM4831 Datasheet HTML 9Page - National Semiconductor (TI) LM4831 Datasheet HTML 10Page - National Semiconductor (TI) LM4831 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pin Descriptions (Continued)
MIC+IN
This pin is the positive input of the
microphone amplifier. The microphone
amplifier is typically configured as an
inverting amplifier, so this pin should
be connected to the BYPASS pin to
properly bias the amplifier. Further,
this pin should be individually
bypassed with a capacitor of
0.01µF–0.1 µF.
MIC−IN
This pin is the inverting input for the
microphone amplifier. Because the
microphone amplifier is typically used
as an inverting amplifier, this pin
should be capacitor coupled to the
input signal.
MIC OUT
This pin is the microphone amplifier
output. If this pin is to be connected to
any chips other than the LM4831, it
should be capacitor coupled to the
load.
BEEP A,
BEEP B,
BEEP C,
BEEP D
These four pins are used to “wake up”
the LM4831 for a specified amount of
time (dictated by the parallel resistor
and capacitor connected to the RC
pin). If the device is in shutdown and
an edge appears at any of the four
BEEP pins, then the device will
power-up, pass the sound, and then
power-down again.
BEEP OUT
This pin outputs the result of an
exclusive-or of the four BEEP inputs.
BEEP OUT connects back to the
Audio Codec as a status pin.
RC
This pin is connected to an external
resistor-capacitor network which sets
the on-time for a beep request.
Typically, a 0.1µF capacitor is
paralleled with a 1–10M
Ω resistor.
Typical Performance Characteristic
Supply Current vs
Supply Voltage
DS100057-31
Power Derating Curve
DS100057-23
THD+N vs Frequency
DS100057-5
THD+N vs Frequency
DS100057-4
THD+N vs Frequency
DS100057-29
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com