Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4832 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4832 Datasheet HTML 1Page - National Semiconductor (TI) LM4832 Datasheet HTML 2Page - National Semiconductor (TI) LM4832 Datasheet HTML 3Page - National Semiconductor (TI) LM4832 Datasheet HTML 4Page - National Semiconductor (TI) LM4832 Datasheet HTML 5Page - National Semiconductor (TI) LM4832 Datasheet HTML 6Page - National Semiconductor (TI) LM4832 Datasheet HTML 7Page - National Semiconductor (TI) LM4832 Datasheet HTML 8Page - National Semiconductor (TI) LM4832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Pin Description
LEFT 3D (1)
RIGHT 3D
(28)
An external RC network is connected
across these pins. This function provides
left-right channel cross coupling and
cancellation to create an enhanced
stereo channel separation effect.
BYPASS (2)
A 0.1 µF capacitor is placed between
this pin and ground to provide an AC
ground for the internal half-supply
voltage reference. The capacitor at this
pin affects “click-pop” and THD
performance. Turn-on and turn-off times
are also determined by this capacitor.
Refer to the Application Information
section for more information.
POWER
AMP OUT
LEFT (3)
RIGHT (26)
These outputs are intended to drive 8
Ω
speakers or 32
Ω headphones. These
outputs should be AC-coupled to the
loads. Refer to the Application
Information section for more information.
POWER
GND (4)
This pin provides the high current return
for the power output stage MOSFETs
and digital circuitry.
LOOP OUT
(8, 21)
LOOP IN (5,
24)
These pins allow an external signal
processor access to the stereo signal.
Please see the Application Information
section for more information.
TONE OUT
(6, 23)
These pins are connected to the tone
control op amp outputs and drive the
power amplifier inputs. Refer to the
Application Information section for more
information.
TONE IN
(7, 22)
These pins are connected to the inputs
of the tone control op amps. A capacitor
between the Tone In and Tone Out pins
sets the frequency response of the tone
functions. Please refer to the Application
Information section for more information.
INPUTS
(9, 20)
These pins are the stereo inputs for the
LM4832. These pins should be
AC-coupled to the input signals.
ANALOG
GND (10)
This pin is the AC analog ground for the
line level AC signal inputs.
MIC
INPUTS
(11, 12)
These pins are the two independent
selectable microphone inputs. These
pins should be AC-coupled.
MIC OUT
(14)
This pin is the output for the microphone
amplifier and should be AC-coupled to
the load.
VDD
(13, 25)
These pins are for the 5V supply. These
pins should be separately bypassed by
0.1 µF, or higher, film capacitors. The 5V
supply should be bypassed by a 10 µF,
or higher, tantalum or aluminum
electrolytic capacitor.
ADDRESS
BITS (15,
16)
These pins are used to determine the
I
2C address for the LM4832.
CLOCK (17)
This pin is the input for the I2C clock
signal.
DATA (18)
This pin is the input for the I
2C data
signal.
GENERAL
PURPOSE
OUTPUT
(19)
This pin provides a general purpose
TTL/CMOS output. Please refer to the
Application Information section for more
information.
RESET (27)
This pin is a TTL/CMOS input which is
used to reset the chip logic and states.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com