Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4832 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4832 Datasheet HTML 1Page - National Semiconductor (TI) LM4832 Datasheet HTML 2Page - National Semiconductor (TI) LM4832 Datasheet HTML 3Page - National Semiconductor (TI) LM4832 Datasheet HTML 4Page - National Semiconductor (TI) LM4832 Datasheet HTML 5Page - National Semiconductor (TI) LM4832 Datasheet HTML 6Page - National Semiconductor (TI) LM4832 Datasheet HTML 7Page - National Semiconductor (TI) LM4832 Datasheet HTML 8Page - National Semiconductor (TI) LM4832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4832
Digitally Controlled Tone and Volume Circuit with Stereo
Audio Power Amplifier, Microphone Preamp Stage and
National 3D Sound
General Description
The LM4832 is a monolithic integrated circuit that provides
volume and tone (bass and treble) controls as well as a ste-
reo audio power amplifier capable of producing 250 mW
(typ) into 8
Ω or 90 mW (typ) into 32Ω with less than 1.0%
THD. In addition, a two input microphone preamp stage, with
volume control, capable of drivinga1k
Ω load is imple-
mented on chip.
The LM4832 also features National’s 3D Sound circuitry
which can be externally adjusted via a simple RC network.
For maximum system flexibility, the LM4832 has an exter-
nally controlled, low-power consumption shutdown mode,
and an independent mute for power and microphone ampli-
fiers .
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring few external
components. Since the LM4832 incorporates tone and vol-
ume controls, a stereo audio power amplifier and a micro-
phone preamp stage, it is optimally suited to multimedia
monitors and desktop computer applications.
Key Specifications
n
Output Power at 10% into:
8
Ω
32
Ω
350 mW(typ)
100 mW(typ)
n
THD+Nat75mW into
32
Ω at 1 kHz
0.5%(max)
n
Microphone Input Referred
Noise
7 µV(typ)
n
Supply Current
13 mA(typ)
n
Shutdown Current
4 µA(max)
Features
n
Independent Left and Right Output Volume Controls
n
Treble and Bass Control
n
National 3D Sound
n
I
2C Compatible Interface
n
Two Microphone Inputs with Selector
n
Software Controlled Shutdown Function
Applications
n
Multimedia Monitors
n
Portable and Desktop Computers
Block Diagram
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
DS100014-1
FIGURE 1. LM4832 Block Diagram
DS100014-2
Top View
Order Number LM4832N, LM4832M
See NS Package Number N28B for DIP
See NS Package Number M28B for SOIC
February 1998
© 1998 National Semiconductor Corporation
DS100014
www.national.com


Similar Part No. - LM4832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4545 NSC-LM4545 Datasheet
327Kb / 16P
AC ??7 Codec with Stereo Headphone Amplifier and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4834 NSC-LM4834 Datasheet
443Kb / 12P
1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1992 NSC-LMC1992 Datasheet
260Kb / 14P
LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com