Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4832 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4832 Datasheet HTML 1Page - National Semiconductor (TI) LM4832 Datasheet HTML 2Page - National Semiconductor (TI) LM4832 Datasheet HTML 3Page - National Semiconductor (TI) LM4832 Datasheet HTML 4Page - National Semiconductor (TI) LM4832 Datasheet HTML 5Page - National Semiconductor (TI) LM4832 Datasheet HTML 6Page - National Semiconductor (TI) LM4832 Datasheet HTML 7Page - National Semiconductor (TI) LM4832 Datasheet HTML 8Page - National Semiconductor (TI) LM4832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450
″Surface Mounting and their Effects on
Product Reliability
″ for other methods of soldering
surface mount devices.
θ
JC (typ)— N28B
21˚C/W
θ
JA (typ)— N28B
62˚C/W
θ
JC (typ)— M28B
15˚C/W
θ
JA (typ)— M28B
69˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
4.5
≤ V
DD ≤ 5.5V
Electrical Characteristics for Entire IC(Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4832
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
V
DD
Supply Voltage
V
IN = 0V, IO = 0A
4.5
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
13
21
mA (max)
I
SD
Shutdown Current
2.5
9
µA (max)
INPUT ATTENUATORS
A
R
Attenuator Range
Attenuation at 0 dB Setting
Attenuation at −14 dB Setting
1
−15
dB (max)
dB (min)
A
S
Step Size
0 dB to −14 dB
2
dB
Gain Step Size Error
0.1
dB (max)
E
T
Channel to Channel Tracking Error
0.15
dB (max)
BASS CONTROL
A
R
Bass Control Range
f = 100 Hz, V
IN = 0.25V
±12
−14
dB (min)
14
dB (max)
A
S
Bass Step Size
2
dB
E
SE
Bass Step Size Error
0.5
dB (max)
E
T
Bass Tracking Error
0.15
dB (max)
TREBLE CONTROL
A
R
Treble Control Range
f
IN = 10 kHz, VIN = 0.25V
±12
−13
dB (min)
13
dB (max)
A
S
Treble Step Size
2
dB
E
SE
Treble Step Size Error
0.1
dB (max)
E
T
Treble Tracking Error
0.15
dB (max)
OUTPUT ATTENUATORS
A
R
Attenuator Range
Gain at +20 dB Setting
Attenuation at −40 dB Setting
+20 dB to −40 dB
21
dB (max)
−42
dB (min)
A
S
Step Size
2dB
Step Size Error
0.1
dB (max)
E
T
Channel to Channel Tracking Error
0.1
dB (max)
AUDIO PATH
V
OS
Output Offset Voltage
V
IN = 0V
3
50
mV (max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com