Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7616 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7616 Datasheet HTML 42Page - Analog Devices AD7616 Datasheet HTML 43Page - Analog Devices AD7616 Datasheet HTML 44Page - Analog Devices AD7616 Datasheet HTML 45Page - Analog Devices AD7616 Datasheet HTML 46Page - Analog Devices AD7616 Datasheet HTML 47Page - Analog Devices AD7616 Datasheet HTML 48Page - Analog Devices AD7616 Datasheet HTML 49Page - Analog Devices AD7616 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 45 of 50
INPUT RANGE REGISTER A2
Address: 0x05, Reset: 0x00FF, Name: Input Range Register A2
Table 24. Bit Descriptions for Input Range Register A2
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
Addressing
Bits[15:9] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
8
RESERVED
Reserved.
0x0
R/W
[7:6]
V7A
V7A voltage range selection.
0x3
R/W
00
V7A ± 10 V.
01
V7A ± 2.5 V.
10
V7A ± 5 V.
11
V7A ± 10 V.
[5:4]
V6A
V6A voltage range selection.
0x3
R/W
00
V6A ± 10 V.
01
V6A ± 2.5 V.
10
V6A ± 5 V.
11
V6A ± 10 V.
[3:2]
V5A
V5A voltage range selection.
0x3
R/W
00
V5A ± 10 V.
01
V5A ± 2.5 V.
10
V5A ± 5 V.
11
V5A ± 10 V.
[1:0]
V4A
V4A voltage range selection.
0x3
R/W
00
V4A ± 10 V.
01
V4A ± 2.5 V.
10
V4A ± 5 V.
11
V4A ± 10 V.
Res erved
VA4 Voltage Range Selection
11: V4A+/-10V.
10: V4A+/-5V.
1: V4A+/-2.5V.
0: V4A+/-10V.
VA5 Voltage Range Selection
11: V5A+/-10V.
10: V5A+/-5V.
1: V5A+/-2.5V.
0: V5A+/-10V.
VA7 Voltage Range Selection
11: V7A+/-10V.
10: V7A+/-5V.
1: V7A+/-2.5V.
0: V7A+/-10V.
VA6 Voltage Range Selection
11: V6A+/-10V.
10: V6A+/-5V.
1: V6A+/-2.5V.
0: V6A+/-10V.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] Addressing (R/W)
[1:0] V4A (R/W)
[8] RESERVED
[3:2] V5A (R/W)
[7:6] V7A (R/W)
[5:4] V6A (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com