Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7616 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7616 Datasheet HTML 18Page - Analog Devices AD7616 Datasheet HTML 19Page - Analog Devices AD7616 Datasheet HTML 20Page - Analog Devices AD7616 Datasheet HTML 21Page - Analog Devices AD7616 Datasheet HTML 22Page - Analog Devices AD7616 Datasheet HTML 23Page - Analog Devices AD7616 Datasheet HTML 24Page - Analog Devices AD7616 Datasheet HTML 25Page - Analog Devices AD7616 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 21 of 50
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, at ½ LSB below
the first code transition; and full scale, at ½ LSB above the last code
transition.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal 1
LSB change between any two adjacent codes in the ADC.
Bipolar Zero Code Error
Bipolar zero code error is the deviation of the midscale
transition (all 1s to all 0s) from the ideal, which is 0 V − ½ LSB.
Bipolar Zero Code Error Matching
Bipolar zero code error matching is the absolute difference in
bipolar zero code error between any two input channels.
Positive Full-Scale (PFS) Error
Positive full-scale error is the deviation of the actual last code
transition from the ideal last code transition (10 V − 1½ LSB
(9.99954), 5 V − 1½ LSB (4.99977) and 2.5 V − 1½ LSB
(2.49989)) after bipolar zero code error is adjusted out. The
positive full-scale error includes the contribution from the
internal reference buffer.
Positive Full-Scale Error Matching
Positive full-scale error matching is the absolute difference in
positive full-scale error between any two input channels.
Negative Full-Scale (NFS) Error
Negative full-scale error is the deviation of the first code
transition from the ideal first code transition (−10 V + ½ LSB
(−9.99985), −5 V + ½ LSB (−4.99992) and −2.5 V + ½ LSB
(−2.49996)) after the bipolar zero code error is adjusted out.
The negative full-scale error includes the contribution from the
internal reference buffer.
Negative Full-Scale Error Matching
Negative full-scale error matching is the absolute difference in
negative full-scale error between any two input channels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the measured ratio of signal to noise and distortion at
the output of the ADC. The signal is the rms value of the sine
wave, and noise is the rms sum of all nonfundamental signals
up to half the sampling frequency (fS/2), including harmonics,
but excluding dc.
Signal-to-Noise Ratio (SNR)
SNR is the measured ratio of signal to noise at the output of the
ADC. The signal is the rms amplitude of the fundamental. Noise is
the sum of all nonfundamental signals up to half the sampling
frequency (fS/2), excluding dc.
The ratio is dependent on the number of quantization levels in
the digitization process: the greater the number of levels, the
smaller the quantization noise. The theoretical SNR for an ideal
N-bit converter with a sine wave input is given by
Signal-to-Noise Ratio = (6.02N + 1.76) dB
Therefore, for a 16-bit converter, the SNR is 98 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels (dB).
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in the
ADC output spectrum (up to fS/2, excluding dc) to the rms value
of the fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is
determined by a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities creates distortion products
at the sum and difference frequencies of mfa ± nfb, where m,
n = 0, 1, 2, 3. Intermodulation distortion terms are those for
which neither m nor n is equal to 0. For example, the second-
order terms include (fa + fb) and (fa − fb), and the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The calculation of the intermodulation distortion is per the
THD specification, where it is the ratio of the rms sum of the
individual distortion products to the rms amplitude of the sum
of the fundamentals expressed in decibels (dB).
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but
not the linearity of the converter. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power supply voltage from the nominal value. The PSRR is
defined as the ratio of the power in the ADC output at full-scale
frequency, f, to the power of a 100 mV p-p sine wave applied to
the VCC supply of the ADC of frequency, fS.
PSRR (dB) = 10log(Pf/PfS)
where:
Pf is equal to the power at frequency, f, in the ADC output.
PfS is equal to the power at frequency, fS, coupled onto the VCC
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com