Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7616 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7616 Datasheet HTML 16Page - Analog Devices AD7616 Datasheet HTML 17Page - Analog Devices AD7616 Datasheet HTML 18Page - Analog Devices AD7616 Datasheet HTML 19Page - Analog Devices AD7616 Datasheet HTML 20Page - Analog Devices AD7616 Datasheet HTML 21Page - Analog Devices AD7616 Datasheet HTML 22Page - Analog Devices AD7616 Datasheet HTML 23Page - Analog Devices AD7616 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 19 of 50
Figure 32. Phase Delay vs. Temperature
Figure 33. Internal Reference Voltage vs. Temperature for Various
Supply Voltages
Figure 34. Analog Input Current vs. Temperature for Various Supply Voltages
Figure 35. PSRR vs. Ripple Frequency
Figure 36. CMRR vs. Ripple Frequency
Figure 37. Static/Dynamic IVCC Current vs. Temperature
0
2
4
6
8
10
12
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
2.490
2.495
2.500
2.505
2.510
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
4.75V
5V
5.25V
–15
–10
–5
0
5
10
15
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
+10V INPUT
–10V INPUT
+5V INPUT
–5V INPUT
+2.5V INPUT
–2.5V INPUT
40
50
60
70
80
90
100
110
120
130
0.1
1
10
100
1000
RIPPLE FREQUENCY (kHz)
±10V RANGE
±5V RANGE
±2.5V RANGE
100mV p-p SINE WAVE
APPLIED TO VCC SUPPLY
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
RIPPLE FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE
0
10
20
30
40
50
60
70
80
90
100
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
STATIC
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com